Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NBN10-F10-E2-V1 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

No. de Pieza. NBN10-F10-E2-V1
Descripción  Inductive sensor
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN10-F10-E2-V1 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN10-F10-E2-V1 Hoja de datos HTML 1Page - Pepperl+Fuchs Inc. NBN10-F10-E2-V1 Hoja de datos HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Inductive sensor
NBN10-F10-E2-V1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
NBN10-F10-E2-V1
Features
• 10 mm non-flush
•3-wire DC
Accessories
V1-G
Female connector, M12, 4-pin, field attachable
V1-W
Female connector, M12, 4-pin, field attachable
V1-G-2M-PUR
Female cordset, M12, 4-pin, PUR cable
V1-W-2M-PUR
Female cordset, M12, 4-pin, PUR cable
Technical Data
General specifications
Switching function
Normally open (NO)
Output type
PNP
Rated operating distance
sn
10 mm
Installation
non-flush
Output polarity
DC
Assured operating distance
sa
0 ... 8.1 mm
Reduction factor rAl
0.3
Reduction factor rCu
0.2
Reduction factor r304
0.6
Output type
3-wire
Nominal ratings
Operating voltage
UB
10 ... 30 V DC
Switching frequency
f
0 ... 500 Hz
Hysteresis
H
typ. 5%
Reverse polarity protection
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 3 V
Operating current
IL
0 ... 100 mA
Off-state current
Ir
0 ... 0.5 mA typ. 0.1 µA at 25 °C
No-load supply current
I0
≤ 15 mA
Switching state indicator
LED, yellow
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
Connector M12 x 1 , 4-pin
Housing material
PBT
Sensing face
PBT
Degree of protection
IP67
Compliance with standards and
directives
Standard conformity
Standards
EN 60947-5-2:2007
EN 60947-5-2/A1:2012
IEC 60947-5-2:2007
IEC 60947-5-2 AMD 1:2012
Approvals and certificates
UL approval
cULus Listed, General Purpose
CCC approval
CCC approval / marking not required for products rated ≤36 V
Dimensions
25
18
4.3
LED
7
25.5
M12x1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn