Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DAC11001A Datasheet(PDF) 2 Page - Texas Instruments

No. de Pieza. DAC11001A
Descripción  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Descarga  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

DAC11001A Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
DAC11001A, DAC91001, DAC81001
SLASEL0 – OCTOBER 2019
www.ti.com
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information Package ................................... 6
7.5
Electrical Characteristics........................................... 7
7.6
Timing Requirements: Write, 4.5 V
≤ DVDD ≤ 5.5
V............................................................................... 10
7.7
Timing Requirements: Write, 2.7 V
≤ DVDD < 4.5
V............................................................................... 11
7.8
Timing Requirements: Read and Daisy-Chain
Write, 4.5 V
≤ DVDD ≤ 5.5 V..................................... 12
7.9
Timing Requirements: Read and Daisy-Chain Write,
2.7 V
≤ DVDD < 4.5 V ............................................... 13
8
Detailed Description ............................................ 15
8.1
Overview ................................................................. 15
8.2
Functional Block Diagram ....................................... 15
8.3
Feature Description................................................. 15
8.4
Device Functional Modes........................................ 18
8.5
Programming........................................................... 19
8.6
Register Map........................................................... 21
9
Application and Implementation ........................ 26
9.1
Application Information............................................ 26
9.2
Typical Application ................................................. 26
9.3
System Examples .................................................. 29
9.4
What to Do and What Not to Do ............................ 32
9.5
Initialization Set Up ................................................ 32
10
Power Supply Recommendations ..................... 33
11
Layout................................................................... 36
11.1
Layout Guidelines ................................................. 36
11.2
Layout Example .................................................... 36
12
Device and Documentation Support ................. 37
12.1
Device Support...................................................... 37
12.2
Documentation Support ........................................ 37
12.3
Related Links ........................................................ 37
12.4
Receiving Notification of Documentation Updates 37
12.5
Support Resources ............................................... 37
12.6
Trademarks ........................................................... 37
12.7
Electrostatic Discharge Caution ............................ 37
12.8
Glossary ................................................................ 37
13
Mechanical, Packaging, and Orderable
Information ........................................................... 38
4 Revision History
DATE
REVISION
NOTES
October 2019
*
Initial release.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn