Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DAC11001A Datasheet(PDF) 21 Page - Texas Instruments

No. de Pieza. DAC11001A
Descripción  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Descarga  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

DAC11001A Datasheet(HTML) 21 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DAC11001A, DAC91001, DAC81001
www.ti.com
SLASEL0 – OCTOBER 2019
21
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.6 Register Map
Table 3. Register Map
REGISTER
NAME
DEFAULT
VALUE
BIT
31
30-24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3-0
NOP
00000
W
00h
NOP
0h
DAC-DATA
00000
R/W
01h
DAC-DATA (20 bits, 18 bits, or 16 bits, left-justified)
0h
CONFIG1
004C8
R/W
02h
EN_
TMP_
CAL
0h
TNH_MASK
0h
LDAC
MODE
FSDO
ENALMP
DSDO
FSET
VREFVAL
0
PDN
0h
DAC-
CLEAR-
DATA
00000
R/W
03h
DAC-CLEAR-DATA (8 bits left justified)
000h
0h
TRIGGER
00000
R/W
04h
0000h
RCLTMP
0
SRST
SCLR
0
0h
STATUS
00000
R
05h
000h
ALM
00h
0h
CONFIG2
00000
R/W
06h
0000h
DIS_TNH
TNH_SETTING
0h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn