Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DAC11001A Datasheet(PDF) 22 Page - Texas Instruments

No. de Pieza. DAC11001A
Descripción  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Descarga  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

DAC11001A Datasheet(HTML) 22 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
DAC11001A, DAC91001, DAC81001
SLASEL0 – OCTOBER 2019
www.ti.com
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 4. Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
8.6.1 NOP Register (address = 00h) [reset = 0x000000h]
Figure 8. NOP Register Format
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Read/
Write
Address
NOP
W
W
W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOP
0h
W
W
Table 5. NOP Register Field Descriptions
Bit
Field
Type
Reset
Description
31
Write
W
N/A
Write when set to 0
30:24
Address
W
N/A
00h
23:4
NOP
W
00000h
No operation - Write 00000h
3:0
0h
W
N/A
N/A
8.6.2 DAC-DATA Register (address = 01h) [reset = 0x000000h]
Figure 9. DAC-DATA Register Format
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Read/
Write
Address
DAC-DATA (20-bit, 18-bit, or 16-bit, left justified)
R/W
W
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DAC-DATA (20-bit, 18-bit, or 16-bit, left justified)
0h
R/W
W
Table 6. DAC-DATA Register Field Descriptions
Bit
Field
Type
Reset
Description
31
Read/Write
R/W
N/A
Read when set to 1 or write when set to 0
30:24
Address
W
N/A
01h
23:4
DAC-DATA[19:0]
R/W
00000h
Stores the 20-bit, 18-bit, or 16-bit data to be loaded to DAC in
MSB aligned straight binary format.
Data follows the format below:
DAC1101A: { DAC-DATA[19:0] }
DAC91001: { DAC-DATA[17:0], 0, 0 }
DAC81001: { DAC-DATA[15:0], 0, 0, 0, 0}
3:0
0h
W
N/A
N/A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn