Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC11001A Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza DAC11001A
Descripción Electrónicos  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC11001A Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC11001A_V01 Datasheet HTML 4Page - Texas Instruments DAC11001A_V01 Datasheet HTML 5Page - Texas Instruments DAC11001A_V01 Datasheet HTML 6Page - Texas Instruments DAC11001A_V01 Datasheet HTML 7Page - Texas Instruments DAC11001A_V01 Datasheet HTML 8Page - Texas Instruments DAC11001A_V01 Datasheet HTML 9Page - Texas Instruments DAC11001A_V01 Datasheet HTML 10Page - Texas Instruments DAC11001A_V01 Datasheet HTML 11Page - Texas Instruments DAC11001A_V01 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
DAC11001A, DAC91001, DAC81001
SLASEL0 – OCTOBER 2019
www.ti.com
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = –40°C to +125°C, VCC = +15 V, VSS = –15 V, AVDD = 5.5 V, DVDD = 3.3 V, IOVDD = 1.8 V, see note
(1) for V
REFPF and
VREFNF, OUT pin buffered with unity gain OPA827, ROFS, RCM, RFB unconnected, and all typical specifications at TA = 25°C,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
Adaptive TnH mode. TnH action is disabled for large code steps. For small steps, TnH action happens with a hold time of 1.2µs.
Power supply rejection ratio (dc)
TA = 25°C, VCC = 15 V ± 20%,
VSS = –15 V
1.5
µV/V
TA = 25°C, VCC = 15 V,
VSS = –15 V ± 20%
1
VOLTAGE REFERENCE INPUT
Reference input impedance (REFPF)
DAC at midscale, VREFPF = 10 V,
VREFNF = 0 V
5.5
Reference input impedance (REFNF)
DAC at midscale, VREFPF = 10 V,
VREFNF = 0 V
7
Reference input capacitance (REFPF)
DAC at midscale, VREFPF = 10 V,
VREFNF = 0 V
TBD
pF
Reference input capacitance (REFNF)
DAC at midscale, VREFPF = 10 V,
VREFNF = 0 V
TBD
DYNAMIC PERFORMANCE
ts
Output voltage settling time(4)
VREFPF = 10 V, VREFNF = 0 V,
full-scale settling to 0.1%FSR
1
µs
VREFPF = 3 V, VREFNF = –10 V,
full-scale settling to 0.01%FSR
1.3
VREFPF = 10 V, VREFNF = 0 V,
full-scale settling to 0.01%FSR
1.3
VREFPF = 10 V, VREFNF = 0 V,
full-scale settling to ±1 LSB
2.5
VREFPF = 10 V, VREFNF = 0 V,
1-mV step settling to ±1 LSB
2.5
SR
Slew rate
VREFPF = 10 V, VREFNF = 0 V, full-scale
step, measured at OUT pin
50
V/µs
Power-on glitch magnitude
Measured at unbuffered DAC voltage
output, VREFPF = 10 V, VREFNF = 0 V
0.2
V
Vn
Output noise
0.1-Hz to 10-Hz, DAC at midscale,
VREFPF = 10 V, VREFNF = 0 V
0.4
µVpp
100-kHz bandwidth, DAC at midscale,
VREFPF = 10 V, VREFNF = 0 V
3
µVrms
Output noise density
Measured at 1 kHz, 10 kHz, 100 kHz,
DAC at mid scale, VREFPF = 10 V,
VREFNF = 0 V
7
nV/
√Hz
SFDR
Spurious free dynamic range
DAC update rate = 400 kHz, fOUT = 1
kHz, VOUTPP = 0 V to 10 V
–105
dB
DAC update rate = 400 kHz, fOUT = 1
kHz, VOUTPP = 3 V to –10 V
–105
dB
THD
Total harmonic distortion
DAC update rate = 400 kHz, fOUT = 1
kHz, VOUTPP = 0 V to 10 V
–105
dB
DAC update rate = 400 kHz, fOUT = 1
kHz, VOUTPP = 3 V to –10 V
–105
dB
Power supply rejection ratio (ac)
200-mV 50-Hz or 60-Hz sine wave
superimposed on VSS, VCC = 15 V
95
dB
200-mV 50 Hz or 60 Hz sine wave
superimposed on VCC, VSS = –15 V
95
dB
Code change glitch impulse
±1 LSB change around mid code
(including feedthrough), VREFPF = 10 V,
VREFNF = 0 V, measured at output of
buffer op amp
1.5
nV-s


Número de pieza similar - DAC11001A_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001A TI1-DAC11001A_V02 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A_V03 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
More results

Descripción similar - DAC11001A_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001A TI1-DAC11001A_V03 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A_V02 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
[Old version datasheet]   DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com