Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DACX1001 Datasheet(PDF) 29 Page - Texas Instruments

No. de pieza DACX1001
Descripción Electrónicos  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DACX1001 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DACX1001 Datasheet HTML 25Page - Texas Instruments DACX1001 Datasheet HTML 26Page - Texas Instruments DACX1001 Datasheet HTML 27Page - Texas Instruments DACX1001 Datasheet HTML 28Page - Texas Instruments DACX1001 Datasheet HTML 29Page - Texas Instruments DACX1001 Datasheet HTML 30Page - Texas Instruments DACX1001 Datasheet HTML 31Page - Texas Instruments DACX1001 Datasheet HTML 32Page - Texas Instruments DACX1001 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DAC110 01
SYNC
SDO
SDIN
SCLK
LDAC
CLR
ALA RM
IOVDD
RS
RS
RS
RS
DGND
IOVDD
PROCESS OR
RPULLUP
DGND
IOVDD
SCLK
MOSI
MIS O
CS
INT
GPIO
GPIO
RS
RS
Low-jitte r
LDAC
Sou rce
DAC110 01
SYNC
SDO
SDIN
SCLK
LDAC
CLR
ALA RM
IOVDD
R
S
R
S
R
S
R
S
R
S
DGND
IOVDD
PROCESS OR
R
PUL LU P
DGND
IOVDD
SCLK
MOSI
MIS O
CS
TIMER
GPIO
GPIO
29
DAC11001A, DAC91001, DAC81001
www.ti.com
SLASEL0 – OCTOBER 2019
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.3 System Examples
This section provides details on the digital interface and the embedded resistor configurations.
9.3.1 Interfacing to a Processor
The DACx1001 family of DACs works with a 4-wire SPI interface. The digital interface of the DACx1001 to a
processor is shown in Figure 19. The DACx1001 has an LDAC input option for synchronous output update. In
ac-signal generation applications, the jitter in the LDAC signal contributes to signal-to-noise ratio (SNR).
Therefore, the LDAC signal must be generated from a low-jitter timer in the processor. The CLR and ALARM
pins are static signals, and therefore can be connected to general-purpose input-output (GPIO) pins on the
processor. All active-low signals (SYNC, LDAC, CLR, and ALARM) must be pulled up to IOVDD using 10-kΩ
resistors. ALARM is an output pin from the DAC, so the corresponding GPIO on the processor must be
configured as an input. Either poll the GPIO, or configured the GPIO as an interrupt to detect any failure alarm
from the DAC. When using a high SCLK frequency, use source termination resistors, as shown in Interfacing to a
Processor. Typically, 33-Ω resistors work on printed circuit boards (PCBs) with a 50-Ω trace impedance.
Figure 19. Interfacing to a Processor
9.3.2 Interfacing to a Low-Jitter LDAC Source
When the processor is not able to provide a low-jitter source for the LDAC signal, an external low-jitter LDAC
source can be used, as shown in Figure 20. The processor can take the LDAC signal as an interrupt and trigger
the SPI frame synchronously.
Figure 20. Interfacing to an External LDAC Source


Número de pieza similar - DACX1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DACX1001 TI1-DACX1001 Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DACX1001 TI1-DACX1001 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DACX1001 TI1-DACX1001 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
More results

Descripción similar - DACX1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001A TI1-DAC11001A_V03 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A_V02 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
[Old version datasheet]   DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com