Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DAC53401 Datasheet(PDF) 23 Page - Texas Instruments

No. de Pieza. DAC53401
Descripción  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC53401_V01 Hoja de datos HTML 19Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 20Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 21Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 22Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 23Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 24Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 25Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 26Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DAC53401, DAC43401
www.ti.com
SLASES7 – JULY 2019
23
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
X = Don't care.
8.5.5 Data Byte (MSDB and LSDB)
Table 14. Data Byte (MSDB and LSDB)(1)
MSDB
LSDB
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
NVM_CRC_
ALARM_
USER
NVM_CRC_
ALARM_
INTERNAL
NVM_BUSY
DAC_
UPDATE_
BUSY
X
DEVICE_ID
VERSION_ID
FUNC_CONFIG
DEVICE_
LOCK
Reserved
CODE_STEP
SLEW_RATE
DAC_PDN
REF_EN
DAC_SPAN
X
MED_
ALARM_HP
MED_
ALARM_MP
MED_
ALARM_LP
RESERVED
INTERBURST_TIME
PULSE_OFF_TIME
PULSE_ON_TIME
DEVICE_UNLOCK_CODE
X
DEVICE_
CONFIG_
RESET
START_
FUNC_GEN
PMBUS_
MARGIN_
HIGH
PMBUS_
MARGIN_
LOW
NVM_
RELOAD
NVM_PROG
SW_RESET
X
DAC_DATA[9:0] / DAC_DATA[7:0]
X
X
MARGIN_HIGH[9:0] / MARGIN_HIGH[7:0]
X
X
MARGIN_LOW[9:0] / MARGIN_LOW[7:0]
X
PMBUS_OPERATION_CMD
X
X
CML
X
PMBUS_VERSION
X


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn