Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DAC53401 Datasheet(PDF) 26 Page - Texas Instruments

No. de Pieza. DAC53401
Descripción  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC53401_V01 Hoja de datos HTML 22Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 23Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 24Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 25Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 26Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 27Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 28Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 29Page - Texas Instruments DAC53401_V01 Hoja de datos HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
26
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 17. Register Names
ADDRESS
ACRONYM
REGISTER NAME
SECTION
D0h
STATUS
STATUS
STATUS Register (address = D0h) (reset = 000Ch or 0014h)
D1h
GENERAL_CONFIG
GENERAL_CONFIG
GENERAL_CONFIG Register (address = D1h) (reset = 11F0h)
D2h
MED_ALARM_CONFIG
MED_ALARM_CONFIG
MED_ALARM_CONFIG Register (address = D2h) (reset = 0000h)
D3h
TRIGGER
TRIGGER
TRIGGER Register (address = D3h) (reset = 0000h)
21h
DAC_DATA
DAC_DATA
DAC_DATA Register (address = 21h) (reset = 0000h)
25h
DAC_MARGIN_HIGH
DAC_MARGIN_HIGH
DAC_MARGIN_HIGH Register (address = 25h) (reset = 0000h)
26h
DAC_MARGIN_LOW
DAC_MARGIN_LOW
DAC_MARGIN_LOW Register (address = 26h) (reset = 0000h)
01h
PMBUS_OPERATION
PMBUS_OP
PMBUS_OPERATION Register (address = 01h) (reset = 0000h)
78h
PMBUS_STATUS_BYTE
PMBUS_STATUS_BYTE
PMBUS_STATUS_BYTE Register (address = 78h) (reset =
0000h)
98h
PMBUS_VERSION
PMBUS_VERSION
PMBUS_VERSION Register (address = 98h) (reset = 2200h)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn