Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC81001 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC81001
Descripción Electrónicos  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC81001 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC81001 Datasheet HTML 9Page - Texas Instruments DAC81001 Datasheet HTML 10Page - Texas Instruments DAC81001 Datasheet HTML 11Page - Texas Instruments DAC81001 Datasheet HTML 12Page - Texas Instruments DAC81001 Datasheet HTML 13Page - Texas Instruments DAC81001 Datasheet HTML 14Page - Texas Instruments DAC81001 Datasheet HTML 15Page - Texas Instruments DAC81001 Datasheet HTML 16Page - Texas Instruments DAC81001 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13
DAC11001A, DAC91001, DAC81001
www.ti.com
SLASEL0 – OCTOBER 2019
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.9 Timing Requirements: Read and Daisy-Chain Write, 2.7 V
≤ DV
DD < 4.5 V
all input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed from a voltage level of (VIL + VIH) / 2,
SDO loaded with 20 pF, and TA = –40°C to +125°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
fSCLK
SCLK frequency
1.7 V
≤ IOVDD < 2.7 V, FSDO = 0
8
MHz
1.7 V
≤ IOVDD < 2.7 V, FSDO = 1
16
2.7 V
≤ IOVDD ≤ 5.5 V, FSDO = 0
10
2.7 V
≤ IOVDD ≤ 5.5 V, FSDO = 1
20
tSCLKHIG
H
SCLK high time
1.7 V
≤ IOVDD < 2.7 V, FSDO = 0
62
ns
1.7 V
≤ IOVDD < 2.7 V, FSDO = 1
31
2.7 V
≤ IOVDD ≤ 5.5 V, FSDO = 0
50
2.7 V
≤ IOVDD ≤ 5.5 V, FSDO = 1
25
tSCLKLO
W
SCLK low time
1.7 V
≤ IOVDD < 2.7 V, FSDO = 0
62
ns
1.7 V
≤ IOVDD < 2.7 V, FSDO = 1
31
2.7 V
≤ IOVDD ≤ 5.5 V, FSDO = 0
50
2.7 V
≤ IOVDD ≤ 5.5 V, FSDO = 1
25
tSDIS
SDI setup, 1.7 V
≤ IOVDD < 2.7 V
21
ns
SDI setup, 2.7 V
≤ IOVDD ≤ 5.5 V
16
tSDIH
SDI hold, 1.7 V
≤ IOVDD < 2.7 V
21
ns
SDI hold, 2.7 V
≤ IOVDD ≤ 5.5 V
16
tCSS
SYNC falling edge to SCLK falling edge, 1.7 V
≤ IOVDD < 2.7 V
41
ns
SYNC falling edge to SCLK falling edge, 2.7 V
≤ IOVDD ≤ 5.5 V
36
tCSH
SCLK falling edge to SYNC rising edge, 1.7 V
≤ IOVDD < 2.7 V
25
ns
SCLK falling edge to SYNC rising edge, 2.7 V
≤ IOVDD ≤ 5.5 V
20
tCSHIGH
SYNC high time, 1.7 V
≤ IOVDD < 2.7 V
100
ns
SYNC high time, 2.7 V
≤ IOVDD ≤ 5.5 V
100
tCSIGNO
RE
SCLK falling edge to SYNC ignore, 1.7 V
≤ IOVDD < 2.7 V
10
ns
SCLK falling edge to SYNC ignore, 2.7 V
≤ IOVDD ≤ 5.5 V
5
tLDACSL
Synchronous update: SYNC rising edge to LDAC falling edge, 1.7 V
≤ IOVDD < 2.7 V
100
ns
Synchronous update: SYNC rising edge to LDAC falling edge, 2.7 V
≤ IOVDD ≤ 5.5 V
100
tLDACW
LDAC low time, 1.7 V
≤ IOVDD < 2.7 V
40
ns
LDAC low time, 2.7 V
≤ IOVDD ≤ 5.5 V
40
tCLRW
CLR low time, 1.7 V
≤ IOVDD < 2.7 V
40
ns
CLR low time, 2.7 V
≤ IOVDD ≤ 5.5 V
40
tSDODLY
SCLK rising edge to SDO valid data, 1.7 V
≤ IOVDD < 2.7 V, FSDO = 0
0
40
ns
SCLK rising edge to SDO valid data, 2.7 V
≤ IOVDD ≤ 5.5 V, FSDO = 0
0
30
SCLK rising edge to SDO valid data, 1.7 V
≤ IOVDD < 2.7 V, FSDO = 1
0
40
SCLK rising edge to SDO valid data, 2.7 V
≤ IOVDD ≤ 5.5 V, FSDO = 1
0
30
tSDOZ
SYNC rising edge to SDO HiZ, 1.7 V
≤ IOVDD < 2.7 V
0
20
ns
SYNC rising edge to SDO HiZ, 2.7 V
≤ IOVDD ≤ 5.5 V
0
20


Número de pieza similar - DAC81001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC81001 TI1-DAC81001 Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC81001 TI1-DAC81001 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC81001 TI1-DAC81001 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC81001PFBR TI1-DAC81001PFBR Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC81001PFBT TI1-DAC81001PFBT Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
More results

Descripción similar - DAC81001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001A TI1-DAC11001A_V03 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A_V02 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
[Old version datasheet]   DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com