Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC11001APFBT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC11001APFBT
Descripción Electrónicos  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC11001APFBT Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC11001APFBT Datasheet HTML 22Page - Texas Instruments DAC11001APFBT Datasheet HTML 23Page - Texas Instruments DAC11001APFBT Datasheet HTML 24Page - Texas Instruments DAC11001APFBT Datasheet HTML 25Page - Texas Instruments DAC11001APFBT Datasheet HTML 26Page - Texas Instruments DAC11001APFBT Datasheet HTML 27Page - Texas Instruments DAC11001APFBT Datasheet HTML 28Page - Texas Instruments DAC11001APFBT Datasheet HTML 29Page - Texas Instruments DAC11001APFBT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
1
V
V
2
R
1
A
x 1
G
R
§
·
¨
¸
©
¹
DAC110 01
DUT
1 M
1 M
G
V
G
I
R
SENS E
R
1
R
2
C
1
C
2
OPA828
INA188
INA188
VREFP
VREFN
OPA 828
OPA 828
REFNF
REFNS
REFPF
REFPS
R
CABL E
R
CABL E
+
±
+
±
+
±
1
2
SW
26
DAC11001A, DAC91001, DAC81001
SLASEL0 – OCTOBER 2019
www.ti.com
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The DACx1001 family of DACs are targeted for high-precision applications where ultra-high dc accuracy, ultra-
low noise, fast settling, or high total harmonic distortion (THD) is required. The DACx1001 provides 20-bit
monotonic resolution. This device finds application in high-performance source measure unit (SMU), battery test
equipment (BTE), arbitrary waveform generation (AWG), and closed-loop control applications such as
microelectromechanical system (MEMS) actuators, linear actuators, precision motor control, lens autofocus
control in precision microscopy, lens control in mass spectrometer, beam control in electron beam lithography,
and so on.
9.2 Typical Application
9.2.1 Source Measure Unit (SMU)
A source measure unit (SMU) is a common building block in memory and semiconductor test equipment and
bench-top source measure units. A DAC is used in an SMU to force a desired voltage or a current to a device-
under-test (DUT). Figure 15 provides a simplified circuit diagram of the force-DAC in an SMU.
Figure 15. Source Measure Unit
9.2.1.1 Design Requirements
Force voltage range: ±10 V
Force current range: ±20 mA
9.2.1.2 Detailed Design Procedure
The DAC11001A is an excellent choice for this application to meet the 20-bit resolution requirement. Switch SW
is used to toggle between force-voltage and force-current modes, as shown in Figure 15. The OPA828 is a high-
precision amplifier that provides a good balance between dc and ac performance, and can supply ±30-mA output
current. The INA188 is a zero-drift instrumentation amplifier with gain selected with an external resistor. The
external resistor is not shown in the drawing for simplicity. The gain resistor is not required for a gain of 1.
Equation 2 shows the calculation of the voltage gain when switch SW is in position 1.
(2)


Número de pieza similar - DAC11001APFBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001APFBT TI1-DAC11001APFBT Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001APFBT TI1-DAC11001APFBT Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
More results

Descripción similar - DAC11001APFBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001A TI1-DAC11001A_V03 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A_V02 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
[Old version datasheet]   DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com