Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DLPC900 Datasheet(PDF) 35 Page - Texas Instruments

No. de Pieza. DLPC900
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC900_V01 Hoja de datos HTML 31Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 32Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 33Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 34Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 35Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 36Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 37Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 38Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
tc
tw(H)
SSPx_CLK
(ASIC output)
50%
20%
50%
50%
tw(L)
tt
Valid
SSPx_DO
(ASIC output)
tpd(max)
tpd(min)
Valid
tsu
Valid
th
Valid
50%
Valid
SSPx_CSZ
SSPx_DI
(ASIC input)
80%
tc
tw(H)
SSPx_CLK
(ASIC output)
50%
20%
50%
50%
tw(L)
tt
Valid
SSPx_DO
(ASIC output)
tpd(max)
tpd(min)
Valid
tsu
Valid
SSPx_DI
(ASIC input)
th
Valid
50%
Valid
SSPx_CSZ
80%
CLK
(CPOL = 0)
(CPOL = 1)
CSZ
DI/DO
(CPHA = 0)
(CPHA = 1)
MSB
LSB
MSB
LSB
35
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Figure 9. SSP Clock Mode Timing Diagram
Figure 10. Synchronous Serial Port Interface – Master (Modes 0/3)
Figure 11. Synchronous Serial Port Interface – Slave (Modes 0/3)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn