Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPC900 Datasheet(PDF) 50 Page - Texas Instruments

No. de pieza DLPC900
Descripción Electrónicos  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 50 Page - Texas Instruments

Back Button DLPC900_V01 Datasheet HTML 46Page - Texas Instruments DLPC900_V01 Datasheet HTML 47Page - Texas Instruments DLPC900_V01 Datasheet HTML 48Page - Texas Instruments DLPC900_V01 Datasheet HTML 49Page - Texas Instruments DLPC900_V01 Datasheet HTML 50Page - Texas Instruments DLPC900_V01 Datasheet HTML 51Page - Texas Instruments DLPC900_V01 Datasheet HTML 52Page - Texas Instruments DLPC900_V01 Datasheet HTML 53Page - Texas Instruments DLPC900_V01 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
50
DLPC900
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
www.ti.com
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Another example of a pre-stored pattern mode timing diagram is shown in Figure 30, where pattern sequences of
three are displayed. TRIG_OUT_1 frames each pattern displayed, while TRIG_OUT_2 indicates the start of each
pattern. TRIG_IN_2 serves as a start and stop signal. When high, the pattern sequence starts or continues. Note,
in the middle of displaying the P4 pattern, TRIG_IN_2 is low, so the sequence stops displaying P4. When
TRIG_IN_2 is raised, the pattern sequence continues where it stopped by re-displaying P4.
Figure 30. Pre-Stored Pattern Mode Timing Diagram for 3-Patterns
Table 5 shows the allowed pattern combinations in relation to the bit depth of the pattern. If the pattern sequence
is configured without dark time between patterns, then the TRIG_OUT_1 output would be high for the entire
pattern sequence. For faster 8-bit pattern speeds, the illumination source can be modulated to shorten the
smallest bits, and thus the larger bits. This method will introduce dark time into the pattern and affect the
brightness, but it is capable of 8-bit pattern speeds up to four times faster than patterns without illumination
modulation. More information on illumination modulation can be found in the DLP LightCrafter 6500 & 9000 EVM
User's Guide.
(1)
Minimum achievable exposure using illumination modulated light
source.
Table 5. Minimum Exposure in Any Pattern Mode
BIT
DEPTH
DLP6500 (µs)
DLP9000 (µs)
1
105
105
2
304
304
3
394
380
4
823
733
5
1215
1215
6
1487
1487
7
1998
1998
8
4046
4046
8(1)
969
969


Número de pieza similar - DLPC900_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

Descripción similar - DLPC900_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com