Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DLPC900 Datasheet(PDF) 65 Page - Texas Instruments

No. de Pieza. DLPC900
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

DLPC900 Datasheet(HTML) 65 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
R=1
F
F
F
1.8 PLL1
1.8 PLL2
1.8 PLL3
DLPC900
Regulator
Vout
GND
GND
GND
GND
GND
1.8V
DC
GND
100 PF
0.1 PF
0.1 PF
0.1 PF
0.1 PF
65
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Layout Guidelines (continued)
The analog 1.8-V PLL power pins should have a similar filter topology as the 1.15 V. In addition, It is
recommended that a dedicated linear regulator generates the 1.8 V. Figure 38 shows the recommended filtering
topology.
Figure 38. Recommended Filter Topology for PLL 1.8-V Supplies
When designing the overall supply filter network, care must be taken to ensure no resonance occurs. Specific
care is required around the 1- to 2-MHz band, as this coincides with the PLL natural loop frequency.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn