Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPC900 Datasheet(PDF) 67 Page - Texas Instruments

No. de pieza DLPC900
Descripción Electrónicos  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 67 Page - Texas Instruments

Back Button DLPC900_V01 Datasheet HTML 63Page - Texas Instruments DLPC900_V01 Datasheet HTML 64Page - Texas Instruments DLPC900_V01 Datasheet HTML 65Page - Texas Instruments DLPC900_V01 Datasheet HTML 66Page - Texas Instruments DLPC900_V01 Datasheet HTML 67Page - Texas Instruments DLPC900_V01 Datasheet HTML 68Page - Texas Instruments DLPC900_V01 Datasheet HTML 69Page - Texas Instruments DLPC900_V01 Datasheet HTML 70Page - Texas Instruments DLPC900_V01 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
67
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Layout Guidelines (continued)
10.1.4 Recommended MOSC Crystal Oscillator Configuration
A recommended crystal oscillator configuration is shown in Figure 40.
It is assumed that the external crystal oscillator will stabilize within 50 ms after stable power is applied.
Table 14. Crystal Port Characteristics
PARAMETER
NOMINAL
UNIT
MOSC-to-GND capacitance
1.5
pF
MOSCZ-to-GND capacitance
1.5
pF
(1)
Typical drive level with the XSA020000FK1H-OCX crystal (ESRmax = 40 Ω) = 50 µW
Table 15. Recommended Crystal Configuration (1)
PARAMETER
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (first harmonic)
Crystal nominal frequency
20
MHz
Crystal temperature stability
± 30
PPM
Crystal frequency tolerance (including accuracy,
temperature, aging, and trim sensitivity)
± 100
PPM
Crystal equivalent series resistance (ESR)
50 max
Ω
Crystal load
20
pF
Crystal shunt load
7 max
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1
CL1 external crystal load capacitor (MOSC)
See Equation 1
pF
CL2 external crystal load capacitor (MOSCN)
See Equation 2
pF
PCB layout
A ground isolation ring around the crystal is recommended
CL1 = 2 × (CL – CStray-MOSC)
(1)
CL2 = 2 × (CL – CStray-MOSCN
(2)
where
CL = Crystal load capacitance (Farads)
CStray-MOSC = Sum of package and PCB capacitance at the crystal pin associated with controller signal MOSC.
CStray-MOSCN = Sum of package and PCB capacitance at the crystal pin associated with controller signal MOSCN. (3)


Número de pieza similar - DLPC900_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

Descripción similar - DLPC900_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com