Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DLPC900 Datasheet(PDF) 11 Page - Texas Instruments

No. de Pieza. DLPC900
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC900_V01 Hoja de datos HTML 7Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 8Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 9Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 10Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 11Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 12Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 13Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 14Page - Texas Instruments DLPC900_V01 Hoja de datos HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
11
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Program Memory Flash Interface Pin Functions (continued)
PIN(1)
I/O
POWER
I/O TYPE
(2)
CLK SYSTEM
DESCRIPTION
NAME
NUMBER
CHIP SELECT 0
(ADDITIONAL
FLASH)
CHIP SELECT
1
(BOOT FLASH
ONLY) (3)
CHIP SELECT 2
(ADDITIONAL
FLASH)
PM_DATA_13
A16
VDD33
B5
Async
Data bit (13)
Data bit (13)
Data bit (13)
PM_DATA_12
A15
VDD33
B5
Async
Data bit (12)
Data bit (12)
Data bit (12)
PM_DATA_11
B15
VDD33
B5
Async
Data bit (11)
Data bit (11)
Data bit (11)
PM_DATA_10
D16
VDD33
B5
Async
Data bit (10)
Data bit (10)
Data bit (10)
PM_DATA_9
C16
VDD33
B5
Async
Data bit (9)
Data bit (9)
Data bit (9)
PM_DATA_8
E14
VDD33
B5
Async
Data bit (8)
Data bit (8)
Data bit (8)
PM_DATA_7
D15
VDD33
B5
Async
Data bit (7)
Data bit (7)
Data bit (7)
PM_DATA_6
C15
VDD33
B5
Async
Data bit (6)
Data bit (6)
Data bit (6)
PM_DATA_5
B14
VDD33
B5
Async
Data bit (5)
Data bit (5)
Data bit (5)
PM_DATA_4
A14
VDD33
B5
Async
Data bit (4)
Data bit (4)
Data bit (4)
PM_DATA_3
E13
VDD33
B5
Async
Data bit (3)
Data bit (3)
Data bit (3)
PM_DATA_2
D14
VDD33
B5
Async
Data bit (2)
Data bit (2)
Data bit (2)
PM_DATA_1
C14
VDD33
B5
Async
Data bit (1)
Data bit (1)
Data bit (1)
PM_DATA_0
B13
VDD33
B5
Async
Data bit (0)
Data bit (0)
Data bit (0)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn