Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RVUTT01 Datasheet(PDF) 1 Page - Belden Inc.

No. de Pieza. RVUTT01
Descripción  Connectivity Accessories - REVConnect Termination Tool
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

RVUTT01 Datasheet(HTML) 1 Page - Belden Inc.

  RVUTT01 Hoja de datos HTML 1Page - Belden Inc. RVUTT01 Hoja de datos HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
REVConnect Universal Termination Tool
Usage (Overall)
Suitable Applications:
To terminate REVConnect Jacks and Plugs
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Length (in.)
5.910
4.620
1.350
Materials
Materials:
Description
Material
Color
Frame
Aluminum
Handle grip
Plastic
Black
Blade Block
Steel
Blades & Knives Steel
Press Head
Nickel plated zinc alloy diecast
Color
Color:
Blue
Weight
Weight:
0.650 lbs.
Packaging
Packaging:
Individually packaged in a plastic clamshell, shipped in cardboard box (40/Box)
Mechanical Characteristics (Connectivity)
Termination Interface:
Connection Durabilities
Blades
20000
Handle
40000
Storage Temperature Range:
-40°C To +60°C
Installation Temperature Range:
-10°C To +50°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2011/65/EU (ROHS II):
Yes
Suitability
Suitability - Indoor:
Yes - Indoor
Notes (Overall)
Product Family
Part Number List:
Accessory
Part Number
Termination Tool
RVUTT01
Cable Preparation Tool RVUCT01
Belt Clip
RVUTC01
Spare Blades
RVUTB01
Installation Tool Case
RVUTIK01
Page 1 of 2
10-11-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
RVUTT01 Connectivity Accessories - REVConnect Termination Tool


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn