Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RVUIO0UEW-B50 Datasheet(PDF) 2 Page - Belden Inc.

No. de Pieza. RVUIO0UEW-B50
Descripción  DataTuff Industrial REVConnect RJ45 Core
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

RVUIO0UEW-B50 Datasheet(HTML) 2 Page - Belden Inc.

  RVUIO0UEW-B50 Hoja de datos HTML 1Page - Belden Inc. RVUIO0UEW-B50 Hoja de datos HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Standards
UL Rating:
UL94V-0
Telecommunications Standards:
Up to Category 6A - TIA 568.C.2, Category 6A - ISO/IEC 11801:2002 Ed.2
IEEE Specification:
Power Over Ethernet (PoE) IEEE 802.3at type 1 and 2 (up to 30W), IEEE802.3bt/D1.7 type 3 and 4 (up to 100W), CISCO UPOE (up to 60W), Power over HDBaseTTM
(up to 100W)
Other Specification:
UL 1863, IEC 60603-7, FCC part 68-F
Applicable Environmental and Other Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date
(yyyy-mm-dd):
2006-07-01
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL2043 Air Handling Spaces
Safety Listing:
c(UL)us Listed
Part Number
Related Parts:
Compatible with Industrial RevConnect Jacks, Plugs and Couplers
Variants
Item #
Color
RVUIO0UEW-B50 Electric White
Product Notes
Notes:
Suitable with Solid and Stranded 23 to 24 AWG, UTP and Shielded cables. Insulation O.D. Range 0.035 to 0.055 in., Cable Jacket O.D. Max. 0.370 in. Please see
Installation Guide PX106876 and PX106884.
History
Update and Revision:
Revision Number: 0.13 Revision Date: 08-23-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn