Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RVAIU2UBK-B24 Datasheet(PDF) 1 Page - Belden Inc.

No. de Pieza. RVAIU2UBK-B24
Descripción  DataTuff Industrial REVConnect Coupler CAT6A UTP
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

RVAIU2UBK-B24 Datasheet(HTML) 1 Page - Belden Inc.

  RVAIU2UBK-B24 Hoja de datos HTML 1Page - Belden Inc. RVAIU2UBK-B24 Hoja de datos HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part Number: Ind REVConn C6A UTP Couplers
DataTuff Industrial REVConnect Coupler CAT6A UTP
Product Description
Industrial REVConnect CAT6A Coupler that Connects 2 Cores
Technical Specifications
Product Overview
Environmental Space:
Indoor
Suitable Applications:
TIA Category 6A, ISO Class EA, 10GBASE-T
Physical Characteristics (Overall)
Height:
0.87
Width:
0.63
Depth:
1.43
Wiring Scheme:
T568A/B
Packaging:
Individually packaged in a plastic bag.
Weight:
0.018 lbs
Connectors
Materials
Description
Material
Type
Front Connection 50uin Gold plated contacts over Nickel
Ind REVConnect
Rear Connection
Copper alloy, Gold plated contacts over Nickel Ind REVConnect
Connector Body
Polycarbonate - UL94V-0
Electrical Characteristics
Dielectric Strength:
1,000V RMS @ 60 Hz for 1 minute (Signals to Ground)
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max Contact Resistance:
20 mOhm
Termination Resistance:
2.5 m-Ohm
Temperature Range
Installation Temp Range:
-40°C To +70°C
Storage Temp Range:
-40°C To +70°C
Operating Temp Range:
-40°C To +70°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Tool Compatibility:
RVUTT01 Termination Tool
Termination Front Connection:
Mated Connection
Termination Front Connection Durability: 200 cycles
Termination Rear Connection:
Mated Connection
Termination Rear Connection Durability:
200 cycles


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn