Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

OSP6AU Datasheet(PDF) 1 Page - Belden Inc.

No. de Pieza. OSP6AU
Descripción  Multi-Conductor - Category 6A Outside Plant Cable
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo 

OSP6AU Datasheet(HTML) 1 Page - Belden Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: OSP6AU
Multi-Conductor - Category 6A Outside Plant Cable
Product Description
Category 6A (500MHz), 4-Unbonded-Pair, Outside Plant Cable, 23 AWG Solid Bare Copper Conductors, PO Insulation, Patented X-spline Technology, Gel
Flooded, Inner Polyolefin Jacket, EquiBlock Barrier Tape, Ripcord, Outer Polyolefin Jacket.
Technical Specifications
Product Overview
Suitable Applications:
OSP-Outside Plant, 10 Gigabit Ethernet, Wireless, Wi-Fi, 100Base TX, 100Base VG ANYLAN, 155ATM, 622ATM, HDBASET, 4K, NTSC/PAL Component or Composite
Video, AES/EBU Digital Audio AES51, RS-422, PoE, PoE+
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
23
Solid
BC - Bare Copper 4
Conductor Count:
8
Total Number of Pairs:
4
Insulation
Material
PO - Polyolefin
Bonded-Pair:
N/A
Color Chart
Number
Color
1
White & Blue
2
White & Orange
3
White & Green
4
White & Brown
Inner Jacket Material
Material
Nominal Diameter Ripcord
PO - Polyolefin 0.260 in
No
Outer Jacket Material
Material
Nominal Diameter Ripcord
LLDPE - Linear Low Density Polyethylene 0.355 in
Yes
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. DCR Unbalance Max DCR Unbalanced Between Pairs [%]
82 Ohm/km
3.0 %
5.0 %
Capacitance
Max. Capacitance Unbalance Nom.Mutual Capacitance
45 pF/100m
17 pF/ft


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn