Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

OSP6AU Datasheet(PDF) 2 Page - Belden Inc.

No. de Pieza. OSP6AU
Descripción  Multi-Conductor - Category 6A Outside Plant Cable
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

OSP6AU Datasheet(HTML) 2 Page - Belden Inc.

  OSP6AU Hoja de datos HTML 1Page - Belden Inc. OSP6AU Hoja de datos HTML 2Page - Belden Inc. OSP6AU Hoja de datos HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Delay
Frequency [MHz]
Max. Delay
Max. Delay Skew Nominal Velocity of Propagation (VP) [%]
100 MHz
537.6 ns/100m 45 ns/100m
64.0 %
High Freq
Frequency
[MHz]
Max. Insertion
Loss
(Attenuation)
Min.
NEXT
[dB]
Min.
PSNEXT
[dB]
Min.
ACR
[dB]
Min.
PSACR
[dB]
Min. ACRF
(ELFEXT)
[dB]
Min. PSACRF
(PSELFEXT)
[dB]
Min. RL
(Return
Loss) [dB]
Max./Min. Input
Impedance
(unFitted)
Max./Min.
Fitted
Impedance
Min.
PSANEXT
Min.
PSAACRF
Min.
TCL
[dB]
Min.
ELTCTL
[dB]
1 MHz
2.1 dB/100m
74.3 dB
72.3 dB
72.2
dB
70.2 dB
67.8 dB
64.8 dB
20.0 dB
105 +/- 10
115 +/- 15
67.0 dB
67.0 dB
40.0
dB
35.0 dB
4 MHz
3.8 dB/100m
65.3 dB
63.3 dB
61.5
dB
59.5 dB
55.8 dB
52.8 dB
23.0 dB
105 +/- 10
100 +/- 7
67.0 dB
66.2 dB
40.0
dB
23.0 dB
8 MHz
5.3 dB/100m
60.8 dB
58.8 dB
55.4
dB
53.4 dB
49.7 dB
46.7 dB
24.5 dB
100 +/- 22
100 +/- 7
67.0 dB
60.1 dB
40.0
dB
16.9 dB
10 MHz
5.9 dB/100m
59.3 dB
57.3 dB
53.4
dB
51.4 dB
47.8 dB
44.8 dB
25.0 dB
100 +/- 22
100 +/- 7
67.0 dB
58.2 dB
40.0
dB
15.0 dB
16 MHz
7.5 dB/100m
56.2 dB
54.2 dB
48.8
dB
46.8 dB
43.7 dB
40.7 dB
25.0 dB
100 +/- 22
100 +/- 7
67.0 dB
54.1 dB
38.0
dB
10.9 dB
20 MHz
8.4 dB/100m
54.8 dB
52.8 dB
46.4
dB
44.4 dB
41.8 dB
38.8 dB
25.0 dB
100 +/- 22
100 +/- 7
67.0 dB
52.2 dB
37.0
dB
9.0 dB
25 MHz
9.4 dB/100m
53.3 dB
51.3 dB
44.0
dB
42.0 dB
39.8 dB
36.8 dB
24.3 dB
100 +/- 22
100 +/- 7
67.0 dB
50.2 dB
36.0
dB
7.0 dB
31.25 MHz
10.5 dB/100m
51.9 dB
49.9 dB
41.4
dB
39.4 dB
37.9 dB
34.9 dB
23.6 dB
100 +/- 22
100 +/- 7
67.0 dB
48.3 dB
35.1
dB
5.1 dB
62.5 MHz
15.0 dB/100m
47.4 dB
45.4 dB
32.4
dB
30.4 dB
31.9 dB
28.9 dB
21.5 dB
100 +/- 22
100 +/- 7
65.6 dB
42.3 dB
32.0
dB
100 MHz
19.1 dB/100m
44.3 dB
42.3 dB
25.2
dB
23.2 dB
27.8 dB
24.8 dB
20.1 dB
100 +/- 22
100 +/- 7
62.5 dB
38.2 dB
30.0
dB
200 MHz
27.6 dB/100m
39.8 dB
37.8 dB
12.2
dB
10.2 dB
21.8 dB
18.8 dB
18.0 dB
100 +/- 22
100 +/- 7
58.0 dB
32.2 dB
27.0
dB
250 MHz
31.1 dB/100m
38.3 dB
36.3 dB
7.3 dB
5.3 dB
19.8 dB
16.8 dB
17.3 dB
100 +/- 32
100 +/- 7
56.5 dB
30.2 dB
26.0
dB
300 MHz
34.3 dB/100m
37.1 dB
35.1 dB
2.9 dB
0.9 dB
18.3 dB
15.3 dB
16.8 dB
100 +/- 32
100 +/- 7
55.3 dB
28.7 dB
25.2
dB
350 MHz
37.2 dB/100m
36.1 dB
34.1 dB
16.9 dB
13.9 dB
16.3 dB
100 +/- 32
100 +/- 7
54.3 dB
27.3 dB
24.6
dB
400 MHz
40.1 dB/100m
35.3 dB
33.3 dB
15.8 dB
12.8 dB
15.9 dB
100 +/- 32
100 +/- 7
53.5 dB
26.2 dB
24.0
dB
450 MHz
42.7 dB/100m
34.5 dB
32.5 dB
14.7 dB
11.7 dB
15.5 dB
100 +/- 32
100 +/- 7
52.7 dB
25.1 dB
23.5
dB
500 MHz
45.3 dB/100m
33.8 dB
31.8 dB
13.8 dB
10.8 dB
15.2 dB
100 +/- 32
100 +/- 7
52.0 dB
24.2 dB
23.0
dB
Segregation class according
EN50174-2:
a
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Installation Temp Range:
-40°C To +60°C
Non-UL Temp Rating:
+75°C
Storage Temp Range:
-40°C To +75°C
Operating Temp Range:
-40°C To +75°C
Mechanical Characteristics
Cold Bend Test:
-40°C Compliance Per UL 1581
Bulk Cable Weight:
48 lbs/1000ft
Max Recommended Pulling Tension:
25 lbs
Min Bend Radius During Installation:
3.75 in
Min Bend Radius/Minor Axis:
3.0 in
Standards
NEC/(UL) Specification:
N/A
ISO/IEC Compliance:
11801 ed 2.2 (2011) Class EA
CPR Euroclass:
Fca
Data Category:
Category 6A
ANSI Compliance:
S-116-732-2013 Category 6A, ANSI/NEMA WC-66 Category 6A


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn