Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

QO320 Datasheet(PDF) 1 Page - Schneider Electric

No. de Pieza. QO320
Descripción  QO mini breaker, 20 A, 3 pole, 120/240 V, 10 kA, plug in
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO320 Datasheet(HTML) 1 Page - Schneider Electric

  QO320 Hoja de datos HTML 1Page - Schneider Electric QO320 Hoja de datos HTML 2Page - Schneider Electric QO320 Hoja de datos HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
QO320
QO mini breaker, 20 A, 3 pole, 120/240 V, 10 kA,
plug in
Product availability : Stock - Normally stocked in distribution facility
Price** : 248.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
20 A
Voltage Rating
120/240 V AC
240 V AC
120 V AC
48 V DC
Mounting Type
Plug-in
Number of Poles
3P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Pressure plate
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
3
Wire Size
AWG 14...AWG 8 copper or aluminium
Tightening torque
44.25 lbf.in (5 N.m) 0.02…0.04 in² (10…25 mm²) AWG 8...AWG 2)
Height
76.20 mm (3 in)
Depth
73.91 mm (2.91 in)
Width
57.15 mm (2.25 in)
Environment
Certifications
UL listed
CSA
Nov 26, 2019
1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn