Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HMJ325B7104KN8T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

No. de Pieza. HMJ325B7104KN8T
Descripción  Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HMJ325B7104KN8T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  HMJ325B7104KN8T Hoja de datos HTML 1Page - Taiyo Yuden (U.S.A.), Inc HMJ325B7104KN8T Hoja de datos HTML 2Page - Taiyo Yuden (U.S.A.), Inc HMJ325B7104KN8T Hoja de datos HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
19QA08
RoHS compliance product
○HMJ325B7104KN8T
100V 3225 X7R 0.1uF +/- 10% t=2.1mmMAX
100V 1210 X7R 0.1uF +/- 10% t=0.083inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.01
0.1
1
10
100
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
HMJ325B7104KN8T
Capacitance Freq.
-50
-40
-30
-20
-10
0
10
0
20
40
60
80
100
DC Bias Voltage[V]
HMJ325B7104KN8T
DC Bias Char.
0.001
0.01
0.1
1
10
100
1000
10000
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
HMJ325B7104KN8T
Impedance,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Temperature[degreeC]
HMJ325B7104KN8T
Capacitance Temp.
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
Ripple Current[Arms]
HMJ325B7104KN8T
Ripple Current
10kHz
100kHz
1MHz


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn