Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HMK105B7222MVHFE Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No. de Pieza. HMK105B7222MVHFE
Descripción  Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo 

HMK105B7222MVHFE Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7222MVHFE
Features
Item Summary
2200pF±20%, 100V,
X7R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping paper 10000pcs
Products characteristics table
Capacitance
2200 pF ± 20 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
100 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.5 ±0.05 mm
Dimension e
0.25 ±0.10 mm
2019.11.25
1 / 1


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn