Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HMK105B7331KVHFE Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

No. de Pieza. HMK105B7331KVHFE
Descripción  Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HMK105B7331KVHFE Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  HMK105B7331KVHFE Hoja de datos HTML 1Page - Taiyo Yuden (U.S.A.), Inc HMK105B7331KVHFE Hoja de datos HTML 2Page - Taiyo Yuden (U.S.A.), Inc HMK105B7331KVHFE Hoja de datos HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
19U1A08
RoHS compliance product
○HMK105B7331KVHFE
100V 1005 X7R 330pF +/- 10% t=0.55mmMAX
100V 0402 X7R 330pF +/- 10% t=0.022inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
10
100
1000
10000
100000
0.1
1
10
100
1000
10000
Frequency[MHz]
HMK105B7331KVHFE
Capacitance Freq.
-50
-40
-30
-20
-10
0
10
0
20
40
60
80
100
DC Bias Voltage[V]
HMK105B7331KVHFE
DC Bias Char.
0.01
0.1
1
10
100
1000
10000
100000
0.1
1
10
100
1000
10000
Frequency[MHz]
HMK105B7331KVHFE
Impedance,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Temperature[degreeC]
HMK105B7331KVHFE
Capacitance Temp.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn