Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NOJY107M006SWJV Datasheet(PDF) 2 Page - AVX Corporation

No. de pieza NOJY107M006SWJV
Descripción Electrónicos  Low Profile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

NOJY107M006SWJV Datasheet(HTML) 2 Page - AVX Corporation

  NOJY107M006SWJV Datasheet HTML 1Page - AVX Corporation NOJY107M006SWJV Datasheet HTML 2Page - AVX Corporation NOJY107M006SWJV Datasheet HTML 3Page - AVX Corporation NOJY107M006SWJV Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
180
033016
OxiCap® NOJ Series
Low Profile
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
1.8V (x)
2.5V (e)
4V (G)
6.3V (J)
10V (A)
1.0
105
1.5
155
2.2
225
P
3.3
335
P
4.7
475
P/S
T
6.8
685
P/S
P/S/T
T
10
106
P/S
P/S/T
P/T
T
15
156
P/S
P/S/T
P/T
22
226
P/S/T
P/T
T
T
33
336
T
T
T
W
47
476
T
T
W
W
68
686
W
W
X/Y
100
107
W
W
W/X
F/Y
150
157
X
Y
F/Y
220
227
X
Y
F/Y
Y
330
337
Y
Y
Y
470
477
Y
Available Ratings
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.


Número de pieza similar - NOJY107M006SWJV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
NOJ AVX-NOJ Datasheet
185Kb / 7P
   Standard and Low Profile Niobium Oxide Capacitors
NOJA106M006 AVX-NOJA106M006 Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOJA106M006WJ AVX-NOJA106M006WJ Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJA106M010 AVX-NOJA106M010 Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
More results

Descripción similar - NOJY107M006SWJV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AAEON Technology
EMB-Q170B AAEON-EMB-Q170B Datasheet
280Kb / 2P
   low profile
logo
ECS, Inc.
ECS-TXO-2520 ECS-ECS-TXO-2520 Datasheet
591Kb / 2P
   Low Profile
logo
Oscilent Corporation
650-450.0M OSCILENT-650-450.0M Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJY476K025RNJ AVX-TAJY476K025RNJ Datasheet
121Kb / 5P
   Low Profile
logo
Oscilent Corporation
620 OSCILENT-620 Datasheet
146Kb / 2P
   Low Profile
logo
AVX Corporation
TAJV107K025RNJ AVX-TAJV107K025RNJ Datasheet
115Kb / 5P
   Low Profile
logo
Oscilent Corporation
650 OSCILENT-650 Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJC107K010RNJV AVX-TAJC107K010RNJV Datasheet
110Kb / 5P
   Low Profile
logo
Everlight Electronics C...
EALP03SXBYA0-AM EVERLIGHT-EALP03SXBYA0-AM Datasheet
550Kb / 15P
   Low profile.
logo
Taoglas antenna solutio...
CA.50 TAOGLAS-CA.50 Datasheet
1Mb / 19P
   Low profile
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com