Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NOJY107M006SWJV Datasheet(PDF) 1 Page - AVX Corporation |
|
NOJY107M006SWJV Datasheet(HTML) 1 Page - AVX Corporation |
1 / 4 page 179 179 033016 OxiCap® NOJ Series Low Profile Technical Data: All technical data relate to an ambient temperature of +25°C is not stated Capacitance Range: 2.2 μF to 470 μF Capacitance Tolerance: ±20% Leakage Current DCL: 0.02CV or 1.0μA whichever is the greater Rated Voltage DC (V R) +85°C: 1.8 2.5 4 6.3 10 Category Voltage (V C) +105°C: 1.2 1.7 2.7 4 7 Surge Voltage (V S) +85°C: 2.3 3.3 5.2 8 13 Surge Voltage (V S) +105°C: 1.6 2.2 3.4 5 8 Temperature Range: -55°C to +105°C Reliability: 0.5% per 1000 hours at 85°C, VR, 0.1Ω/V series impedance, 60% confidence level Meets requirements of AEC-Q200 CASE DIMENSIONS: millimeters (inches) TECHNICAL SPECIFICATIONS Code EIA EIA L±0.20 W+0.20 (0.008) H Max W 1 ±0.20 A+0.30 (0.012) S Min. Code Metric (0.008) –0.10 (0.004) (0.008) –0.20 (0.008) F 2312 6032-20 6.00 (0.236) 3.20 (0.126) 2.00 (0.079) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) P 0805 2012-15 2.05 (0.081) 1.35 (0.053) 1.50 (0.059) 1.00±0.10 0.50 (0.020) 0.85 (0.033) (0.039±0.004) S 1206 3216-12 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) T 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) W 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) X 2917 7343-15 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) Y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) W1 dimension applies to the termination width for A dimensional area only. Pad Stand-off is 0.1±0.1. HOW TO ORDER NOJ Type Y Case Size See table above 107 Capacitance Code 1st two digits represent significant figures, 3rd digit represents multiplier in pF M Tolerance M=±20% 006 Rated DC Voltage 001 = 1.8Vdc 002 = 2.5Vdc 004 = 4Vdc 006 = 6.3Vdc 010 = 10Vdc R Packaging R = Pure Tin 7" Reel S = Pure Tin 13" Reel WJ Specification Suffix WJ = Standard Suffix — Additional characters may be added for special requirements V = Dry pack Option (selected codes only) with exception of X, Y cases F, S, T, W, X, Y CASE XXXXX 227 G OxiCap® LOGO Capacitance Value in pF 227 = 220µF Rated Voltage G = 4V ID Code Polarity Band (Anode+) P CASE Rated Voltage Code J = 6.3V J 475 Capacitance Value in pF 475 = 4.7µF Polarity Band (Anode+) OxiCap ® LOGO MARKING L S AA W 1 W H NON-BURN NON-SMOKE LEAD-FREE COMPATIBLE COMPONENT Elektra Award 2005 FEATURES • Non-burn safe technology • Reliability level: 0.5%/1000 hrs. • CV range: 2.2-470μF / 1.8-10V • 7 case sizes in low profile available • IBM global approval received in 2004 • Elektra Award received in 2005 APPLICATIONS • Downsized industrial and automotive DC/DCs |
Número de pieza similar - NOJY107M006SWJV |
|
Descripción similar - NOJY107M006SWJV |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |