Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BW-E30-1W653 Datasheet(PDF) 2 Page - Mini-Circuits

No. de Pieza. BW-E30-1W653
Descripción  Precision Fixed Attenuator
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BW-E30-1W653 Datasheet(HTML) 2 Page - Mini-Circuits

  BW-E30-1W653 Hoja de datos HTML 1Page - Mini-Circuits BW-E30-1W653 Hoja de datos HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Typical Performance Data
Electrical Specifications at 25°C
28.0
28.5
29.0
29.5
30.0
30.5
31.0
31.5
0
10000 20000 30000 40000 50000 60000 70000
FREQUENCY (MHz)
BW-E30-1W653+
ATTENUATION
BW-E30-1W653+
50Ω
1W
30dB
DC to 65 GHz
1.0
1.2
1.4
1.6
1.8
2.0
0
10000 20000 30000 40000 50000 60000 70000
FREQUENCY (MHz)
BW-E30-1W653+
VSWR
Frequency
(MHz)
Attenuation
(dB)
VSWR
(:1)
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Permanent damage may occur if any of these limits are exceeded.
10
30.32
1.03
1000
30.42
1.03
5000
30.61
1.01
10000
30.75
1.02
16000
30.84
1.10
20000
30.94
1.29
26000
30.89
1.19
30000
30.75
1.17
36000
30.67
1.30
40000
30.48
1.14
46000
30.09
1.27
50000
29.88
1.20
56000
29.54
1.17
65000
28.29
1.49
Outline Drawing
Outline Dimensions (
)
inch
mm
A
B
C
D
E
wt
0.88
0.31
0.310 0.284
.36
grams
22.2
8.0
7.90
7.21
9.14
5.6
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
65
GHz
Attenuation
DC - 26.5
28.75
30.4
31.25
dB
26.5 - 40
28.5
30.0
31.5
40 - 60
27.7
29.2
32
60 - 65
25
28.2
35
VSWR
DC - 26.5
1.09
1.35
:1
26.5 - 50
1.12
1.55
50 - 65
1.18
1.65
Input Power1
DC - 65
1
W
1. Max. power at 25°C ambient, derate linearly to 0.1W at 100°C.
REV. OR
M175343
BW-E30-1W653+
RS/CP/AM
190711
Features
• DC to 65 GHz
• precise attenuation
• excellent VSWR, 1.12 typ.
• passivated stainless steel connectors
Applications
• matching
• instrumentation
• test set-ups
CASE STYLE: DJ2591
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Connectors
Model
1.85mm-Female - 1.85mm Male BW-E30-1W653+
Precision Fixed Attenuator


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn