Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PMA2-183LN Datasheet(PDF) 1 Page - Mini-Circuits

No. de Pieza. PMA2-183LN
Descripción  Monolithic Amplifier
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PMA2-183LN Datasheet(HTML) 1 Page - Mini-Circuits

  PMA2-183LN Hoja de datos HTML 1Page - Mini-Circuits PMA2-183LN Hoja de datos HTML 2Page - Mini-Circuits PMA2-183LN Hoja de datos HTML 3Page - Mini-Circuits PMA2-183LN Hoja de datos HTML 4Page - Mini-Circuits PMA2-183LN Hoja de datos HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Monolithic Amplifier
The Big Deal
• Ultra wideband, 4 to 18 GHz
• Excellent noise figure, 2.5 dB at 15GHz
• Low Current, 48mA
• Usable up to 20 GHz
Product Overview
The PMA2-183LN+ is a E-PHEMT based wideband, low noise MMIC amplifier with an unique
combination of low noise, high IP3, and low current making it ideal for sensitive, high-dynamic-range
receiver applications. This design operates on a single 5V supply, is well matched for 50Ω and comes in
a tiny, low profile package (2 x 2 mm, 8 lead MCLP), accommodating dense circuit board layouts.
Feature
Advantages
Excellent Noise Figure up to 18 GHz
• 2.7 dB typ. at 4 GHz
• 2.5 dB typ. at 18 GHz
Enables lower system noise figure performance.
High IP3
• +31 dBm at 4 GHz
• +29.2 dBm at 20 GHz
Combination of low noise figure and high IP3 makes this MMIC amplifier ideal for use
in low noise receiver front end (RFE) as it gives the user advantages of sensitivity and
two-tone IM performance at both ends of the dynamic range.
Low operating voltage & current
5V & 48mA
Low voltage & current consumption is ideal for use in amplifier chain.
2 x 2mm 8-lead MCLP package
Tiny footprint saves space in dense layouts while providing low inductance, repeatable
transitions, and excellent thermal contact to the PCB.
Key Features
PMA2-183LN+
50Ω
4 to 18 GHz
Low Noise, Wideband, Low Current
2mm x 2mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn