Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PMA2-183LN Datasheet(PDF) 2 Page - Mini-Circuits

No. de Pieza. PMA2-183LN
Descripción  Monolithic Amplifier
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PMA2-183LN Datasheet(HTML) 2 Page - Mini-Circuits

  PMA2-183LN Hoja de datos HTML 1Page - Mini-Circuits PMA2-183LN Hoja de datos HTML 2Page - Mini-Circuits PMA2-183LN Hoja de datos HTML 3Page - Mini-Circuits PMA2-183LN Hoja de datos HTML 4Page - Mini-Circuits PMA2-183LN Hoja de datos HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Monolithic Amplifier
simplified schematic & pad description
Function
Pad Number
Description (See Figure 1)
RF-IN
2
Connects to RF input
RF-OUT
7
Connects to RF output
Ground
Paddle
Connects to ground
No Connection
1,3,4,6,8
Not used internally. Connected to ground on Test Board.
V
DD
5
Connects to voltage supply
Product Features
• Ultra wideband, 4 to 18 GHz
• Excellent Noise figure, 2.5 dB typ. at 15 GHz
• Low current, 48mA
• Usable to 20 GHz
REV. OR
M174706
PMA2-183LN+
GY/RS/CP
190913
General Description
The PMA2-183LN+ is a E-PHEMT based wideband, low noise MMIC amplifier with an unique
combination of low noise, high IP3, and low current making it ideal for sensitive, high-dynamic-range
receiver applications. This design operates on a single 5V supply, is well matched for 50Ω and comes in
a tiny, low profile package (2 x 2 mm, 8 lead MCLP), accommodating dense circuit board layouts.
Typical Applications
• WiFi
• WLAN
• LTE
• WiMAX
• C-band Satcom
4-18 GHz
Low Noise, Wideband, Low Current
CASE STYLE: MC1631-1
PMA2-183LN+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn