Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PSA-8A Datasheet(PDF) 1 Page - Mini-Circuits

No. de Pieza. PSA-8A
Descripción  Monolithic Amplifier
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PSA-8A Datasheet(HTML) 1 Page - Mini-Circuits

  PSA-8A Hoja de datos HTML 1Page - Mini-Circuits PSA-8A Hoja de datos HTML 2Page - Mini-Circuits PSA-8A Hoja de datos HTML 3Page - Mini-Circuits PSA-8A Hoja de datos HTML 4Page - Mini-Circuits PSA-8A Hoja de datos HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Gain, Low Current
Monolithic Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 5
The Big Deal
Product Overview
The PSA-8A+ is a HBT based wideband low noise MMIC Amplifier with high gain and low
current. This design operates on a single 5V supply, is well matched for 50 Ohms and
comes in a SOT-363 package, accommodating dense circuit board layouts.
Key Features
50Ω
DC to 4 GHz
CASE STYLE: CA1389
Feature
Advantages
High Gain, 31 dB typ. at 0.1GHz
Enables signal amplification without the need for multiple gain stages.
Low Noise, 3.0 dB typ. at 0.1GHz
Enables lower system noise figure performance. Low NF and High Gain results in lower NF
systems
SOT-363 Package
Tiny footprint saves space in dense layouts while providing low inductance, repeatable transi-
tions, and excellent thermal contact to the PCB.
• Wideband, DC to 4 GHz
• High Gain, 31 dB typ. at 0.1GHz
• Low NF 3.0 dB typ. at 0.1GHz
• Low Current, 36mA typ.
PSA-8A+


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn