Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PSA-8A Datasheet(PDF) 2 Page - Mini-Circuits

No. de Pieza. PSA-8A
Descripción  Monolithic Amplifier
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PSA-8A Datasheet(HTML) 2 Page - Mini-Circuits

  PSA-8A Hoja de datos HTML 1Page - Mini-Circuits PSA-8A Hoja de datos HTML 2Page - Mini-Circuits PSA-8A Hoja de datos HTML 3Page - Mini-Circuits PSA-8A Hoja de datos HTML 4Page - Mini-Circuits PSA-8A Hoja de datos HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High Gain, Low Current
Monolithic Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 5
Product Features
• Wideband, DC to 4 GHz
• High Gain, 31 dB typ. at 0.1GHz
• Low NF 3.0 dB typ. at 0.1GHz
• Low Current, 36 mA typ.
• Protected by US Patent 6,943,629
Typical Applications
• Cellular
• PCS
• Communication receivers & Transmitters
• Satellite communication
• Military
PSA-8A+
REV. OR
M175826
PSA-8A+
RS/TH
190820
DC to 4 GHz
CASE STYLE: CA1389
Function
Pin
Number
Description (See Application Circuit, Fig. 1)
RF-IN
3
RF input pin (connect to RF-IN via C1)
RF-OUT & DC-IN
6
RF output pin (connected to RF-OUT via blocking cap C2 and supply voltage VDD via
RF Choke (CHK) & Resistor R1)
GND
1,2,4,5
Connections to ground
Simplified schematic and Pad description
General Description
The PSA-8A+ is a HBT based wideband low noise MMIC Amplifier with high gain and low
current. This design operates on a single 5V supply, is well matched for 50 Ohms and
comes in a SOT-363 package, accommodating dense circuit board layouts.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
GROUND
RF IN
RF-OUT and DC-IN


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn