Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PSA-8A Datasheet(PDF) 3 Page - Mini-Circuits

No. de Pieza. PSA-8A
Descripción  Monolithic Amplifier
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PSA-8A Datasheet(HTML) 3 Page - Mini-Circuits

  PSA-8A Hoja de datos HTML 1Page - Mini-Circuits PSA-8A Hoja de datos HTML 2Page - Mini-Circuits PSA-8A Hoja de datos HTML 3Page - Mini-Circuits PSA-8A Hoja de datos HTML 4Page - Mini-Circuits PSA-8A Hoja de datos HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Monolithic Low Noise HBT MMIC Amplifier
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Electrical Specifications1 at 25°C, Zo=50Ω
Absolute Maximum Ratings5
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Input Power (CW)
13 dBm
Operating Current on Pin 6
65mA
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range4
DC
4.0
GHz
Gain
0.01
26.7
30.8
36.2
dB
0.1
26.9
31
36.4
1.0
22.1
25.4
29.9
2.0
17.5
20.1
23.6
3.0
15.6
4.0
11.2
Input Return Loss
0.01
11
dB
0.1
12
1.0
18
2.0
18
3.0
12
4.0
8
Output Return Loss
0.01
20
dB
0.1
19
1.0
7
2.0
9
3.0
16
4.0
9
P1dB
0.01
12.1
dBm
0.1
12.8
1.0
11.9
2.0
9.6
3.0
6.5
4.0
3.1
OIP3
(Pout = -5dBm/Tone)
0.01
26.1
dBm
0.1
25.8
1.0
23.2
2.0
20
3.0
16.2
4.0
11.3
Noise Figure
0.01
3.1
dB
0.1
3
1.0
3.7
2.0
4
3.0
4.4
4.0
4.8
Supply Voltage (Vs)
DC
4.75
5
5.25
V
Device Operating Current (Is)
DC
36
39
mA
Device Current Variation vs. Voltage2
0.024
mA/mV
Device Current Variation vs. Temperature3
7.7
μA/°C
Thermal Resistance, Junction to ground lead
140
°C/W
PSA-8A+
1. Measured on Mini-Circuits Characterization Test Board TB-PSA-8A+. See Characterization Test Circuit (Fig. 1)
2. Device Current Variation vs. Voltage = (Current at 5.25V - Current at 4.75V)/(5.25V-4.75V)*1000)
3. Device Current Variation vs. Temperature = (Current at 85°C - Current at -45°C)/130
4. Guaranteed specifications DC to 4 GHz. Low frequency cut-off determined by external coupling capacitor.
4. Permanent damage may occur if any of these limits are exceeded.
Electrical Maximum rating are not intended for continuous normal operation.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn