Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PSA-8A Datasheet(PDF) 4 Page - Mini-Circuits

No. de Pieza. PSA-8A
Descripción  Monolithic Amplifier
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PSA-8A Datasheet(HTML) 4 Page - Mini-Circuits

  PSA-8A Hoja de datos HTML 1Page - Mini-Circuits PSA-8A Hoja de datos HTML 2Page - Mini-Circuits PSA-8A Hoja de datos HTML 3Page - Mini-Circuits PSA-8A Hoja de datos HTML 4Page - Mini-Circuits PSA-8A Hoja de datos HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Monolithic Low Noise HBT MMIC Amplifier
Page 4 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PSA-8A+
Fig 1. Block Diagram of Test Circuit used for characterization. (DUT soldered on Mini-Circuits Characterization Test Board TB-PSA-
8A+) Gain, Return loss, Output power at 1dB compression (P1 dB), Output IP3 (OIP3) and Noise Figure measured using Agilent’s
N5242A PNA-X microwave network analyzer.
Conditions:
1. Gain: Pin= -25dBm
2. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, -5 dBm/tone at output.
Characterization Test / Application Circuit
Product Marking
6
5
4
1
2
3
black body
laser or white ink marking
Marking may contain other features or characters for internal lot control
Component
Size
Value
Part Number
Manufacturer
DUT
SOT-363
--
PSA-8A+
MCL
C1,C2
0402
2400pF
GRM155R71H242JA01D
Murata
C3
0603
0.1uF
GCJ188R71H104KA12D
Murata
R1
0805
36.5Ohms
RK73H2ATTD36R5F
KOA
CHK
0.15x0.15
--
TCCH-80+
MCL
R2
402
10Ohms
RK73H1ETTP10R0F
KOA


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn