Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TERM-25W-183S Datasheet(PDF) 2 Page - Mini-Circuits

No. de Pieza. TERM-25W-183S
Descripción  Termination
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TERM-25W-183S Datasheet(HTML) 2 Page - Mini-Circuits

  TERM-25W-183S Hoja de datos HTML 1Page - Mini-Circuits TERM-25W-183S Hoja de datos HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Typical Performance Data
Maximum Ratings
Termination SMA-Male
REV. OR
M173239
TERM-25W-183S+
WIL/CP/AM
190313
CASE STYLE: LL2798-1
Connector
Model
SMA Male
TERM-25W-183S+
Frequency
(MHz)
Return Loss
(dB)
TERM-25W-183S+
50Ω
25W
DC to 18 GHz
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Return Loss
DC - 6
20.8
34
dB
6 - 12.4
17.7
30
12.4 - 18
15.5
26
Input Power1
DC - 18
25
W
20
25
30
35
40
0
3600
7200
10800
14400
18000
FREQUENCY (MHz)
TERM-25W-183S+
RETURN LOSS
1. At 25°C, derate linearly to 10W at 100°C.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Features
• Cellular communications
• Satellite communications
• Test set-up
• Defense and Radar
• Wideband coverage, DC to 18 GHz
• Return loss,26 dB typ. up to 18 GHz
• SMA male connector
Applications
10
30.71
600
31.47
1000
33.22
2000
31.54
3000
30.00
4000
32.45
5000
31.51
6000
25.31
8000
27.73
10000
29.94
12000
24.06
12400
24.18
14000
20.70
16000
28.39
18000
29.18
High Power
Weight: 409 grams (max.)
Outline Dimensions
inches (mm)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn