Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TERM-50W-183N Datasheet(PDF) 1 Page - Mini-Circuits

No. de Pieza. TERM-50W-183N
Descripción  Termination
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TERM-50W-183N Datasheet(HTML) 1 Page - Mini-Circuits

  TERM-50W-183N Hoja de datos HTML 1Page - Mini-Circuits TERM-50W-183N Hoja de datos HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
The Big Deal
• Ultra-wideband, DC to 18 GHz
• Excellent return loss, 29 dB typ. up to 18 GHz
• Input power handling, 50W
• Male N-type connector
Product Overview
Mini-Circuits’ TERM-50W-183N+ is an ultra-wideband 50Ωhigh power termination capable of absorbing
signals up to 50W from DC to 18 GHz. It provides excellent return loss across its entire operating frequency
range, effectively dissipating signal power with minimal reflections. This model has N-type male connectors,
allowing connections with N-type female connectors. The unit features rugged construction for a long life of
use and comes in passivated stainless steel connector with black anodized aluminum housing.
Key Features
Feature
Advantages
Wideband, DC to 18 GHz
Extremely wide frequency range provides application flexibility and makes this model
ideal for broadband and multi-band use.
Good return loss:
• 25 dB typ. up to 18 GHz
Good return loss minimizes signal reflections across multiple-decade frequency range
Power handling up to 50W
Meets a wide range of system power requirements.
Wide operating temperature range,
-55 to +100˚C
Withstands tough operating conditions and is suitable for use near high power compo-
nentry where heat rise is common.
TERM-50W-183N+
50Ω
50W
DC to 18 GHz
Termination
CASE STYLE: LL2798-2
High Power


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn