Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRM1885C2A131JA01D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

No. de pieza GRM1885C2A131JA01D
Descripción Electrónicos  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM1885C2A131JA01D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  GRM1885C2A131JA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A131JA01_(0603,C0G(EIA),130pF,DC 100 V)
_:Packaging Code
Reference Sheet
■ Scope
This product specification is applied to Chip Multilayer Ceramic Capacitors used for General Electronic equipment.
■ MURATA Part No. System
■ Type
■ Rated Value
(1)Size Code :
0603
(3)Temperature Characteristics :5C(Public STD Code :C0G(EIA))
■ Package
Product specifications in this catalog are as of Nov.21,2017,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
g
Temp. coeff
or Cap. Change
(4)Rated
Voltage
(3)Temperature Characteristics
Ref.Temp.
Temp. Range
Mounting
Method
Flow,
Reflow
25 to 125 ℃
130pF
+/-5 %
-55 to 125 ℃
Operating
Temp. Range
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
25 ℃
(Ex.)
1.6
+/-0.1
0.8
+/-0.1
0.8
+/-0.1
D
(8)Code
Packaging Unit
MURATA PART NO.
Packaging
GRM1885C2A131JA01_
(1)-1 L
(1)-2 W
(2) T
e
0.2
to 0.5
Dimensions(mm)
0.5 min.
J
4000 pcs./Reel
10000 pcs./Reel
φ180mm Reel
PAPER Tape W8P4
φ330mm Reel
PAPER Tape W8P4
0+/-30 ppm/℃
DC 100 V
(1)L/W
Dimensions
(2)T
Dimensions
(3)Temperature
Characteristics
(4)Rated
Voltage
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
(8)Packaging
Code
(7)
Murata’s
Control Code
GRM
18
8
5C
2A
131
J
A01
D
GRM1885C2A131JA01-01A


Número de pieza similar - GRM1885C2A131JA01D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM1885C2A131GA01 MURATA1-GRM1885C2A131GA01 Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A131GA01D MURATA1-GRM1885C2A131GA01D Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A131GA01J MURATA1-GRM1885C2A131GA01J Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Descripción similar - GRM1885C2A131JA01D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com