Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2001 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN2001
Descripción Electrónicos  1A High-Efficiency Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2001 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN2001 Datasheet HTML 1Page - Fairchild Semiconductor FAN2001 Datasheet HTML 2Page - Fairchild Semiconductor FAN2001 Datasheet HTML 3Page - Fairchild Semiconductor FAN2001 Datasheet HTML 4Page - Fairchild Semiconductor FAN2001 Datasheet HTML 5Page - Fairchild Semiconductor FAN2001 Datasheet HTML 6Page - Fairchild Semiconductor FAN2001 Datasheet HTML 7Page - Fairchild Semiconductor FAN2001 Datasheet HTML 8Page - Fairchild Semiconductor FAN2001 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
Pin Assignment
Figure 2. Pin Assignment
Pin Description
FAN2001 (3x3mm 6-Lead MLP)
FAN2002 (3x3mm 6-Lead MLP)
Pin No.
Pin Name
Pin Description
P1
AGND
Analog Ground. P1 must be soldered to the PCB ground.
1VIN
Supply Voltage Input.
2
PGND
Power Ground. This pin is connected to the internal MOSFET switches. This pin must be
externally connected to AGND.
3EN
Enable Input. Logic high enables the chip and logic low disables the chip, reducing the supply
current to less than 1µA. Do not float this pin.
4
FB
Feedback Input. Adjustable voltage option, connect this pin to the resistor divider.
5NC
No Connection Pin.
6SW
Switching Node. This pin is connected to the internal MOSFET switches.
Pin No.
Pin Name
Pin Description
P1
AGND
Analog Ground. P1 must be soldered to the PCB ground.
1FB
Feedback Input. Adjustable voltage option, connect this pin to the resistor divider.
2
PGND
Power Ground. This pin is connected to the internal MOSFET switches. This pin must be exter-
nally connected to AGND.
3SW
Switching Node. This pin is connected to the internal MOSFET switches.
4
PVIN
Supply Voltage Input. This pin is connected to the internal MOSFET switches.
5VIN
Supply Voltage Input.
6EN
Enable Input. Logic high enables the chip and logic low disables the chip, reducing the supply
current to less than 1µA. Do not float this pin.
V
IN
PGND
EN
FB
SW
NC
1
2
3
6
5
4
P1
(AGND)
FB
PGND
SW
PV
IN
EN
V
IN
1
2
3
6
5
4
P1
(AGND)
Top View
3x3mm 6-Lead MLP
FAN2001
FAN2002


Número de pieza similar - FAN2001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
149Kb / 3P
   PCB Grounding System and High Performance DC-DC Converters
logo
ON Semiconductor
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2001MPX ONSEMI-FAN2001MPX Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results

Descripción similar - FAN2001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com