Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC6501P120VCT Datasheet(PDF) 9 Page - Microchip Technology

No. de pieza TC6501P120VCT
Descripción Electrónicos  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P120VCT Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC6501P120VCT Datasheet HTML 5Page - Microchip Technology TC6501P120VCT Datasheet HTML 6Page - Microchip Technology TC6501P120VCT Datasheet HTML 7Page - Microchip Technology TC6501P120VCT Datasheet HTML 8Page - Microchip Technology TC6501P120VCT Datasheet HTML 9Page - Microchip Technology TC6501P120VCT Datasheet HTML 10Page - Microchip Technology TC6501P120VCT Datasheet HTML 11Page - Microchip Technology TC6501P120VCT Datasheet HTML 12Page - Microchip Technology TC6501P120VCT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
 2004 Microchip Technology Inc.
DS21451D-page 9
TC6501/2/3/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Diagram
Part Number
Marking Code
Temperature
Threshold (°C)
TC6501P045VCT
HA
45
TC6501P065VCT
HC
65
TC6501P075VCT
HD
75
TC6501P095VCT
HF
95
TC6501P105VCT
HG
105
TC6501P115VCT
HH
115
TC6501P120VCT
HV
120
TC6501P125VCT
HJ
125
TC6502P045VCT
JA
45
TC6502P065VCT
JC
65
TC6502P075VCT
JD
75
TC6502P095VCT
JF
95
TC6502P115VCT
JH
115
TC6502P125VCT
JJ
125
TC6503N015VCT
KA
-15
TC6503P005VCT
KB
5
TC6504N015VCT
LA
-15
TC6504P005VCT
LB
5
Legend: 1-2
Part Number Marking Code*
3
Year and two-month period code
4
Lot ID
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
2
4
5
3
1
Note:
Please contact Microchip Technology for the availability of a particular temperature
threshold not included in Table 4-1.


Número de pieza similar - TC6501P120VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC6501P120VCT MICROCHIP-TC6501P120VCT Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

Descripción similar - TC6501P120VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com