Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74HC251-Q100 Datasheet(Hoja de datos) 6 Page - Nexperia B.V. All rights reserved

No. de Pieza. 74HC251-Q100
Descripción  8-input multiplexer; 3-state
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo 

 6 page
background image
Nexperia
74HC251-Q100; 74HCT251-Q100
8-input multiplexer; 3-state
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
II
input leakage
current
VI = VCC or GND; VCC = 6.0 V
-
-
±0.1
-
±1.0
-
±1.0 μA
IOZ
OFF-state
output current
VI = VIH or VIL;
VO = VCC or GND; VCC = 6.0 V
-
-
±0.5
-
±5.0
-
±10.0 μA
ICC
supply current VI = VCC or GND; IO = 0 A;
VCC = 6.0 V
-
-
8.0
-
80
-
160 μA
CI
input
capacitance
-
3.5
-
pF
74HCT251-Q100
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VI = VIH or VIL; VCC = 4.5 V
IO = -20 μA
4.4
4.5
-
4.4
-
4.4
-
V
VOH
HIGH-level
output voltage
IO = -4 mA
3.98
4.32
-
3.84
-
3.7
-
V
VI = VIH or VIL; VCC = 4.5 V
IO = 20 μA
-
0
0.1
-
0.1
-
0.1
V
VOL
LOW-level
output voltage
IO = 4.0 mA
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC = 5.5 V
-
-
±0.1
-
±1.0
-
±1.0 μA
IOZ
OFF-state
output current
VI = VIH or VIL;
VO = VCC or GND; VCC = 5.5 V
-
-
±0.5
-
±5.0
-
±10 μA
ICC
supply current VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
8.0
-
80
-
160 μA
VI = VCC - 2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO = 0 A
per input pin; In inputs
-
100
360
-
450
-
490 μA
per input pin; OE input
-
150
540
-
675
-
735 μA
ΔICC
additional
supply current
per input pin; Sn input
-
150
540
-
675
-
735 μA
CI
input
capacitance
-
3.5
-
pF
74HC_HCT251_Q100
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 15 July 2019
6 / 17




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl