Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC253-Q100 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC253-Q100
Descripción Electrónicos  Dual 4-input multiplexer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC253-Q100 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC253-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC253-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC253-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC253-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC253-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC253-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC253-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC253-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC253-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT253_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 21 January 2015
5 of 15
Nexperia
74HC253-Q100; 74HCT253-Q100
Dual 4-input multiplexer; 3-state
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 8 mW/K above 70 C.
9.
Recommended operating conditions
10. Static characteristics
Ptot
total power dissipation
Tamb = 40 C to +125 C
SO16 package
[2] -
500
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
74HC253-Q100
74HCT253-Q100
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
-
+125
40
-
+125
C
t/V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC253-Q100
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = 6.0 mA; VCC = 4.5 V
3.98
4.32
-
3.84
-
3.7
-
V
IO = 7.8 mA; VCC = 6.0 V
5.48
5.81
-
5.34
-
5.2
-
V


Número de pieza similar - 74HC253-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
74HC253 NXP-74HC253 Datasheet
164Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
logo
Nexperia B.V. All right...
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
74HC253BQ NEXPERIA-74HC253BQ Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
74HC253BQ-Q100 NEXPERIA-74HC253BQ-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
More results

Descripción similar - 74HC253-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
   Dual 4-input multiplexer 3-State
1996 Jan 05
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
74HC253 NXP-74HC253 Datasheet
164Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
logo
Nexperia B.V. All right...
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
   Dual 4-bit input multiplexer 3-State
1988 Nov 29
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com