Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC6501P125VCT Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza TC6501P125VCT
Descripción Electrónicos  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P125VCT Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC6501P125VCT Datasheet HTML 2Page - Microchip Technology TC6501P125VCT Datasheet HTML 3Page - Microchip Technology TC6501P125VCT Datasheet HTML 4Page - Microchip Technology TC6501P125VCT Datasheet HTML 5Page - Microchip Technology TC6501P125VCT Datasheet HTML 6Page - Microchip Technology TC6501P125VCT Datasheet HTML 7Page - Microchip Technology TC6501P125VCT Datasheet HTML 8Page - Microchip Technology TC6501P125VCT Datasheet HTML 9Page - Microchip Technology TC6501P125VCT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TC6501/2/3/4
DS21451D-page 6
 2004 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
The TC6501/2/3/4 integrate a temperature sensor with
a factory-programmed threshold switch (see Functional
Block Diagrams in Figure 5-4 through Figure 5-7). A
logic signal is asserted when the die temperature
crosses the factory-programmed threshold. An external
hysteresis input pin allows the user to select either 2°C
or 10°C hysteresis to give further flexibility to the design
of the application. The TC6501 and TC6502 are
intended for a temperature range of 35°C to 125°C in
10°C increments. The TC6501 has an open-drain
output, while the TC6502 has a push-pull output stage.
The TC6503 and TC6504 are intended for a cold
temperature range of -45°C to +15°C in 10°C
increments. The TC6503 has an open-drain output,
while the TC6504 has a push/pull output stage. The
TC6501 and TC6503 are intended for applications with
a microcontroller reset input. The TC6502 and TC6504
are intended for applications where a fan or heater
element is turned on.
Please contact Microchip Technology for the availabil-
ity of a particular temperature threshold not included in
Table 4-1.
4.1
Hysteresis Input
To prevent the output from “chattering” at or near the
trip point temperature, a selectable HYST input pin is
provided. Hysteresis can be externally selected at 2°C
(HYST = GND) or 10°C (HYST = VCC) by means of the
CMOS compatible HYST input pin. Do not let the HYST
pin float, as this could cause an increase in supply
current. The hysteresis does not depend on the part’s
programmed trip threshold.
TABLE 4-1:
FACTORY-PROGRAMMED
THRESHOLD RANGE
4.2
Thermal Considerations
With a 17 µA typical supply current, the TC6501/2/3/4
dissipates very little power. Thus, the die temperature
is basically the same as the package temperature. To
minimize the error in temperature readings, the load
current should be limited to a few milliamps. For
example, the typical thermal resistance of a 5-Pin SOT-
23A package is 140°C/W. If, for instance, the TC6501
had to sink 1 mA, and the output voltage is ensured to
be less than 0.3V, an additional 0.3 mW of power is
dissipated within the temperature sensor. This
corresponds to a 0.042°C rise in die temperature.
Temperature-monitoring accuracy depends on the
thermal
resistance
between
the
device
being
monitored and the temperature switch die. Heat flows
primarily through the leads onto the die. Pin 2 provides
the lowest thermal resistance to the die. To achieve the
best temperature-monitoring results, the TC6501/2/3/4
should be placed closest to the device being
monitored. Additionally, a short and wide copper trace
from pin 2 to the device should be used. In some cases,
the 5-Pin SOT-23A package can be placed directly
under the socketed microcontroller for improved ther-
mal contact.
Part Number
Threshold (TTH) Range
TC6501
+35°C < TTH < +125°C
TC6502
+35°C < TTH < +125°C
TC6503
-45°C < TTH < +15°C
TC6504
-45°C < TTH < +15°C


Número de pieza similar - TC6501P125VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC6501P125VCT MICROCHIP-TC6501P125VCT Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P125VCTRT MICROCHIP-TC6501P125VCTRT Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P125VCTRT MICROCHIP-TC6501P125VCTRT Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P125VCTRT MICROCHIP-TC6501P125VCTRT Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P125VCTRT MICROCHIP-TC6501P125VCTRT Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

Descripción similar - TC6501P125VCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com