Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC155 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza TLC155
Descripción Electrónicos  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

TLC155 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TLC155 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
1.2 Data Memory Organization
Data memory is composed of Special Function Registers and General Purpose Registers.
The General Purpose Registers are accessed either directly or indirectly through the FSR register.
The Special Function Registers are registers used by the CPU and peripheral functions to control the
operation of the device.
In TLC157, the data memory is partitioned into four banks. Switching between these banks requires the RP1
and RP0 bits in the FSR register to be configured for the desired bank.
TABLE 1.1: Operational Registers Map
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
N/A (w)
OPTION
-
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
N/A (w)
IOSTA
Port A I/O Control Register
N/A (w)
IOSTB
Port B I/O Control Register
N/A (w)
IOSTC
Port C I/O Control Register
00h (r/w)
INDF
Uses contents of FSR to address data memory (not a physical register)
01h (r/w)
TMR0
8-bit real-time clock/counter
02h (r/w)
PCL
Low order 8 bits of PC
03h (r/w)
STATUS
GP2
GP1
GP0
TO
PD
Z
DC
C
04h (r/w)
FSR
RP1
(3)
RP0
(3)
Indirect data memory address pointer
05h (r/w)
PORTA
-
-
-
-
IOA3
IOA2
IOA1
IOA0
06h (r/w)
PORTB
IOB7
IOB6
IOB5
IOB4
IOB3
IOB2
IOB1
IOB0
07h (r/w)
PORTC
(1)
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
08h (r/w)
PCON
WDTE
EIS
LVDTE
ROC
-
-
-
-
09h (r/w)
WUCON
WUB7
WUB6
WUB5
WUB4
WUB3
WUB2
WUB1
WUB0
0Ah (r/w)
PCHBUF
(2)
-
-
-
-
-
Upper 3 bits Buffer of PC
0Bh (r/w)
PDCON
/PDB3
/PDB2
/PDB1
/PDB0
/PDA3
/PDA2
/PDA1
/PDA0
0Ch (r/w)
ODCON
ODB7
ODB6
ODB5
ODB4
ODB3
ODB2
ODB1
ODB0
0Dh (r/w)
PHCON
/PHB7
/PHB6
/PHB5
/PHB4
/PHB3
/PHB2
/PHB1
/PHB0
0Eh (r/w)
INTEN
GIE
-
-
-
-
INTIE
PBIE
T0IE
0Fh (r/w)
INTFLAG
-
-
-
-
-
INTIF
PBIF
T0IF
Legend: - = unimplemented, read as ‘0’,
Note 1 : PORTC is an 8-bit I/O Register for TLC155/157.
PORTC is a General Purpose Register for TLC154/156.
2 : There is only 1 bit in TLC154/155. There are only 2 bits in TLC156. And there are 3 bits in
TLC157.
3 : For TLC154/155/156, these bits are not used, read as ‘1’
TLC
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156


Número de pieza similar - TLC155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC1550 TI-TLC1550 Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI1-TLC1550I Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
TLC1550I TI1-TLC1550I Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

Descripción similar - TLC155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com