Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H145 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10H145
Descripción Electrónicos  16 x 4 Bit Register File(RAM)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H145 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H145 Datasheet HTML 1Page - ON Semiconductor MC10H145 Datasheet HTML 2Page - ON Semiconductor MC10H145 Datasheet HTML 3Page - ON Semiconductor MC10H145 Datasheet HTML 4Page - ON Semiconductor MC10H145 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–233
REV 5
© Motorola, Inc. 1996
3/93
16 x 4 Bit Register File (RAM)
The MC10H145 is a 16 x 4 bit register file. The active-low chip select allows
easy expansion.
The operating mode of the register file is controlled by the WE input. When
WE is “low” the device is in the write mode, the outputs are “low” and the data
present at Dn input is stored at the selected address, when WE is “high,” the
device is in the read mode — the data state at the selected location is present
at the Qn outputs.
• Address Access Time, 4.5 ns Typical
• Power Dissipation, 700 mW Typical
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K-Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
Characteristic
Symbol
0
°
25
°
75
°
Unit
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
160
163
165
mA
Input Current High
IinH
375
220
220
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed
circuit board and transverse air flow greater than 500 Ifpm is maintained. Outputs are terminated through
a 50-ohm resistor to –2.0 volts.
MC10H145
DIP
PIN ASSIGNMENT
Q1
Q0
CS
D1
D0
A3
A2
VEE
VCC
Q2
Q3
WE
D3
D2
A0
A1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TRUTH TABLE
MODE
INPUT
OUTPUT
CS
WE
Dn
Write “0”
L
X
Qn
Write “1”
Read
Disabled
L
L
H
L
L
L
H
X
X
L
L
H
L
Q
Q-State of Addressed Cell
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Número de pieza similar - MC10H145

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H141 ONSEMI-MC10H141 Datasheet
109Kb / 4P
   Four-Bit Universal Shift Register
1996 REV 6
MC10H141 ONSEMI-MC10H141 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FN ONSEMI-MC10H141FN Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNG ONSEMI-MC10H141FNG Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNR2 ONSEMI-MC10H141FNR2 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
More results

Descripción similar - MC10H145

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
logo
Motorola, Inc
SN54LS170 MOTOROLA-SN54LS170 Datasheet
107Kb / 4P
   4 x 4 REGISTER FILE OPEN-COLLECTOR
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
   4 x 4 register file; 3-state
December 1990
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
   4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
   4 x 4 Register File with 3-State Output
logo
List of Unclassifed Man...
74170 ETC1-74170 Datasheet
324Kb / 3P
   4 X 4 REGISTER FILE (With Open-Collector Output)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com