Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H145 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10H145
Descripción Electrónicos  16 x 4 Bit Register File(RAM)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H145 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H145 Datasheet HTML 1Page - ON Semiconductor MC10H145 Datasheet HTML 2Page - ON Semiconductor MC10H145 Datasheet HTML 3Page - ON Semiconductor MC10H145 Datasheet HTML 4Page - ON Semiconductor MC10H145 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H145
MOTOROLA
MECL Data
DL122 — Rev 6
2–234
AC PARAMETERS
MC10H145
TA = 0 to +75°C,
VEE = –5.2 Vdc ±5%
Characteristics
Symbol
Min
Max
Unit
Conditions
Read Mode
Chip Select Access Time
Chip Select Recovery Time
Address Access Time
tACS
tRCS
tAA
0
0
0
4.0
4.0
6.0
ns
Measured from 50% of input to 50%
of output. See Note 2.
Write Mode
Write Pulse Width
Data Setup Time Prior to Write
Data Hold Time After Write
Address Setup Time Prior to Write
Address Hold Time After Write
Chip Select Setup Time Prior to Write
Chip Select Hold Time After Write
Write Disable Time
Write Recovery Time
tW
tWSD
tWHD
tWSA
tWHA
tWSCS
tWHCS
tWS
tWR
6.0
0
1.5
3.5
1.5
0
1.5
1.0
1.0
4.0
4.0
ns
tWSA = 3.5 ns
Measured at 50% of input to 50% of
output. tW = 6.0 ns.
Chip Enable Strobe Mode
Data Setup Prior to Chip Select
Write Enable Setup Prior to Chip Select
Address Setup Prior to Chip Select
Data Hold Time After Chip Select
Write Enable Hold Time After Chip Select
Address Hold Time After Chip Select
Chip Select Minimum Pulse Width
tCSD
tCSW
tCSA
tCHD
tCHW
tCHA
tCS
0
0
0
1.0
0
2.0
4.0
ns
Guaranteed but not tested on
standard product. See Figure 1.
Rise and Fall Time
Address to Output
CS to Output
tr, tf
0.6
0.6
2.5
2.5
ns
Measured between 20% and 80%
points.
Capacitance
Input Capacitance
Output Capacitance
Cin
Cout
6.0
8.0
pF
Measured with a pulse technique.
NOTES: 1. Test circuit characteristics: RT = 50 , MC10H145. CL p 5.0 pF (including jig and Stray Capacitance). Delay should be derated 30 ps/pF for
capacitive loads up to 50 pF.
2. The maximum Address Access Time is guaranteed to be the worst-case bit in the memory.
3. For proper use of MECL in a system environment, consult MECL System Design Handbook.
FIGURE 1 — CHIP ENABLE STROBE MODE
A
DIN
WE
CS
TCSA
TCSW
TCSD
TCS
TCHA
TCHD
TCHW


Número de pieza similar - MC10H145

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H141 ONSEMI-MC10H141 Datasheet
109Kb / 4P
   Four-Bit Universal Shift Register
1996 REV 6
MC10H141 ONSEMI-MC10H141 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FN ONSEMI-MC10H141FN Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNG ONSEMI-MC10H141FNG Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNR2 ONSEMI-MC10H141FNR2 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
More results

Descripción similar - MC10H145

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
logo
Motorola, Inc
SN54LS170 MOTOROLA-SN54LS170 Datasheet
107Kb / 4P
   4 x 4 REGISTER FILE OPEN-COLLECTOR
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
   4 x 4 register file; 3-state
December 1990
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
   4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
   4 x 4 Register File with 3-State Output
logo
List of Unclassifed Man...
74170 ETC1-74170 Datasheet
324Kb / 3P
   4 X 4 REGISTER FILE (With Open-Collector Output)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com