Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TSW-10-11-T15 Datasheet(PDF) 5 Page - SHINMEI ELECTRIC CO., LTD.

No. de Pieza. TSW-10-11-T15
Descripción  Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Página de inicio  http://www.shinmei-e.co.jp/e/index.html
Logo 

TSW-10-11-T15 Datasheet(HTML) 5 Page - SHINMEI ELECTRIC CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TSW-10 / -10A / -10C Series
5/5
SHINMEI ELECTRIC CO., LTD.
[]
Typical Specifications
Item
Specifications
Ratings (max.) (Resistive load)
50mA 12V DC
Contact resistance
100 milliohm max. (Initial)
Insulation resistance
100 megohm min. 100V DC
Withstanding voltage
250V AC for 1min.
Operating force
4-direction : 1.6N or 1.0N , Center push : 3.2N
Operating life
100,000 cycles
Operating temperature range
-20 to +70 degree Celsius
Storage temperature range
-40 to +85 degree Celsius (except carrier tape)
[]
Notes
1. The appearance and specifications of the product may be modified to improve its performance without prior notice.
2. This catalog shows only outline specifications. When using the product, please obtain formal specifications.
3. Please see appendix [Cautions in Using Switches].
4. The operation force other than the above list is also available and please contact us for the details.
5. The minimum packing unit for taping specification is shown above. It is requested that the quantity of the order shall
be an integer multiple of the minimum packing units.
6. Please set the reflow soldering condition confirming under the actual condition of mass-production.
7. Characteristics of switch may change due to the warping of the circuit writing board. Consideration should be given to
the pattern design and layout.
8. This push switch is not washable.
9. This push switch permits reflow soldering and the switch has the possibility to be mounted on the edge of the PC board.
But auto-dip shall not be done after the mounting of the switch, because of the big possibility of the penetration of the
soldering flux into the inside of the switch.
10. Larger stress than specified and/ or shock shall not be applied during switch operation. Pressure to the push button
shall be applied to the whole surface equally and avoid the pressure to the specific one portion.
11. In manual soldering, consider that the abnormal pressure of the soldering iron shall not be applied to the tip of the
terminal as well do not apply any pressure for more than 1 minute after soldering.
12. Care shall be taken so that the flux shall not penetrate into the terminal portion.
13. The operating characteristic may change if force is exerted to the top of the cover.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn