Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TSW-10-1-11-T15 Datasheet(PDF) 4 Page - SHINMEI ELECTRIC CO., LTD.

No. de Pieza. TSW-10-1-11-T15
Descripción  Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Página de inicio  http://www.shinmei-e.co.jp/e/index.html
Logo 

TSW-10-1-11-T15 Datasheet(HTML) 4 Page - SHINMEI ELECTRIC CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSW-10 / -10A / -10C Series
4/5
SHINMEI ELECTRIC CO., LTD.
[]
Dimensions
Unit : mm
No
Style
P.C.B reference Land Dimensions
Circuit Diagram
(TOP VIEW)
4-direction+Center push Type , J-bent terminal , Long-button
TSW-10C-11-T10, TSW-10C-11B-T10
5
Above is the drawing of TSW-10C with guide bosses.
4-direction+Center push type , Straight terminal , Long-button
TSW-10C-1-11-T10, TSW-10C-1-11B-T10
6
Above is the drawing of TSW-10C with guide bosses.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn