Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TSW-10-1-11B-T15 Datasheet(PDF) 1 Page - SHINMEI ELECTRIC CO., LTD.

No. de Pieza. TSW-10-1-11B-T15
Descripción  Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Página de inicio  http://www.shinmei-e.co.jp/e/index.html
Logo 

TSW-10-1-11B-T15 Datasheet(HTML) 1 Page - SHINMEI ELECTRIC CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
h t t p ://w w w.sh i nme i -e . c o . j p
Body Height 1.6mm, Compact-sized Multifunction Type Tactile
Switches
TSW-10 / -10A / -10C Series
1/5
SHINMEI ELECTRIC CO., LTD.
[]
Features
<>With 7.6x7.8mm dimension and 1.6mm height, surface-mounting type switches are ideal for high-density mounting.
<>Low profile design with stem height 4.5mm(4-direction+Center push type), 4.0mm(4-direction type).
<>A sharp click feeling of key touch is provided utilizing the tactile feedback characteristic.
<>J-bent terminal and straight terminal are standardized. Permits reflow soldering.
<>With solderable metal covered ground terminal effective for electrostatic discharge.
<>Switches are packaged in 16mm wide embossed taping.
[]
Applications
<>Digital still camera and digital video camera
<>Portable audio devices, Car navigation system
<>Cellular phone, Personal digital assistance
[]
Products Line
<>4-direction+Center push Type (TSW-10)
Operating force
Travel
No
Products No.
4- direction
Center
push
4- direction
Center
push
Terminal
style
Variety
Qty/reel
( pcs. )
1
TSW-10-11-T15
J-bent
2
TSW-10-1-11-T15
Straight
Without
guide
bosses
1
TSW-10-11B-T15
J-bent
2
TSW-10-1-11B-T15
1.6N
3.2N
5 degree
0.15mm
Straight
With
guide
bosses
1,500
(Minimum
packing
unit)
<>4-direction Type ( TSW-10A )
Operating force
Travel
No
Products No.
4- direction
Center
push
4- direction
Center
push
Terminal
style
Variety
Qty/reel
( pcs. )
3
TSW-10A-01-T15
J-bent
4
TSW-10A-1-01-T15
Straight
Without
guide
bosses
3
TSW-10A-01B-T15
J-bent
4
TSW-10A-1-01B-T15
1.6N
5 degree
Straight
With
guide
bosses
1,500
(Minimum
packing
unit)
<>4-direction+Center push , Long-button Type (TSW-10C)
Operating force
Travel
No
Products No.
4- direction
Center
push
4- direction
Center
push
Terminal
style
Variety
Qty/reel
( pcs. )
5
TSW-10C-11-T10
J-bent
6
TSW-10C-1-11-T10
Straight
Without
guide
bosses
5
TSW-10C-11B-T10
J-bent
6
TSW-10C-1-11B-T10
1.0N
3.2N
5 degree
0.15mm
Straight
With
guide
bosses
1,000
(Minimum
packing
unit)
Actual size
Zoom


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn