Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H350 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC10H350
Descripción Electrónicos  PECL* to TTL Translator(5 Vdc Power Supply Only)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H350 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H350 Datasheet HTML 1Page - ON Semiconductor MC10H350 Datasheet HTML 2Page - ON Semiconductor MC10H350 Datasheet HTML 3Page - ON Semiconductor MC10H350 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MC10H350
MOTOROLA
MECL Data
DL122 — Rev 6
2–60
OUTLINE DIMENSIONS
P SUFFIX
PLASTIC DIP PACKAGE
CASE 648–08
ISSUE R
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
L SUFFIX
CERAMIC DIP PACKAGE
CASE 620–10
ISSUE V
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION F MAY NARROW TO 0.76 (0.030)
WHERE THE LEAD ENTERS THE CERAMIC
BODY.
–A–
–B–
–T–
F
E
G
N
K
C
SEATING
PLANE
16 PL
D
S
A
M
0.25 (0.010)
T
16 PL
J
S
B
M
0.25 (0.010)
T
M
L
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.750
0.785
19.05
19.93
B
0.240
0.295
6.10
7.49
C
–––
0.200
–––
5.08
D
0.015
0.020
0.39
0.50
E
0.050 BSC
1.27 BSC
F
0.055
0.065
1.40
1.65
G
0.100 BSC
2.54 BSC
H
0.008
0.015
0.21
0.38
K
0.125
0.170
3.18
4.31
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.020
0.040
0.51
1.01
__
__
16
9
18
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MC10H350/D
*MC10H350/D*


Número de pieza similar - MC10H350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350 ONSEMI-MC10H350 Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
MC10H350FN ONSEMI-MC10H350FN Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
More results

Descripción similar - MC10H350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com