Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBT3257C Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74CBT3257C
Descripción Electrónicos  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3257C Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBT3257C Datasheet HTML 1Page - Texas Instruments SN74CBT3257C Datasheet HTML 2Page - Texas Instruments SN74CBT3257C Datasheet HTML 3Page - Texas Instruments SN74CBT3257C Datasheet HTML 4Page - Texas Instruments SN74CBT3257C Datasheet HTML 5Page - Texas Instruments SN74CBT3257C Datasheet HTML 6Page - Texas Instruments SN74CBT3257C Datasheet HTML 7Page - Texas Instruments SN74CBT3257C Datasheet HTML 8Page - Texas Instruments SN74CBT3257C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74CBT3257C
4BIT 1OF2 FET MULTIPLEXER/DEMULTIPLEXER
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS137 − OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input voltage range, VIN (see Notes 1 and 2)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch I/O voltage range, VI/O (see Notes 1, 2, and 3)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input clamp current, IIK (VIN < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O port clamp current, II/OK (VI/O < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ON-state switch current, II/O (see Note 4)
±128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND terminals
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 5): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 5): DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 5): DBQ package
90
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 5): PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 6): RGY package
39
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to ground unless otherwise specified.
2. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
3. VI and VO are used to denote specific conditions for VI/O.
4. II and IO are used to denote specific conditions for II/O.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
6. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions (see Note 7)
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage
2
5.5
V
VIL
Low-level control input voltage
0
0.8
V
VI/O
Data input/output voltage
0
5.5
V
TA
Operating free-air temperature
−40
85
°C
NOTE 7: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Número de pieza similar - SN74CBT3257C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257CD TI-SN74CBT3257CD Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257CD TI-SN74CBT3257CD Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257CDBQR TI-SN74CBT3257CDBQR Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results

Descripción similar - SN74CBT3257C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C Datasheet
235Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C_08 Datasheet
357Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI1-SN74CBT3253C_15 Datasheet
906Kb / 22P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C_07 Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI-SN74CBT3253C Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com