Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100H603 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC100H603
Descripción Electrónicos  9-Bit Latch ECL/TTL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H603 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100H603 Datasheet HTML 1Page - ON Semiconductor MC100H603 Datasheet HTML 2Page - ON Semiconductor MC100H603 Datasheet HTML 3Page - ON Semiconductor MC100H603 Datasheet HTML 4Page - ON Semiconductor MC100H603 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H603 MC100H603
MOTOROLA
MECL Data
DL122 — Rev 6
2–312
DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IEE
Power Supply Current
ECL
–45
–63
–45
–64
–45
–68
mA
ICCH
TTL
80
110
80
110
80
110
mA
ICCL
80
110
80
110
80
110
mA
ICCZ
80
110
80
110
80
110
mA
IOS
Output Short Circuit Current
–100
– 225
–100
– 225
–100
– 225
mA
VOUT = 0 V
IOZH
Output Disable Current
HIGH
50
50
50
µA
VOUT = 2.7 V
IOZL
LOW
–50
–50
–50
µA
VOUT = 0.5 V
AC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
tPHL
Propagation Delay
to Output
D
3.0
6.4
6.0
12
3.0
6.4
6.0
12
3.0
6.4
6.0
12
ns
ns
CL = 50 pF
CL = 200 pF
LEN
3.5
7.0
6.5
13
3.5
7.0
6.5
13
3.5
7.0
6.5
13
ns
ns
CL = 50 pF
CL = 200 pF
MR
3.0
6.0
6.0
12
3.0
6.0
6.0
12
3.0
6.0
6.0
12
ns
ns
CL = 50 pF
CL = 200 pF
ts
th
tw(L)
Set–Up Time, D to LEN
Hold Time, D to LEN
LEN Pulse Width, LOW
1.5
0.8
2.0
1.5
0.8
2.0
1.5
0.8
2.0
ns
ns
ns
tPLZ
tPHZ
Output Disable Time
2.5
4.2
6.5
13
2.5
4.2
6.5
13
2.5
4.2
6.5
13
ns
ns
CL = 50 pF
CL = 200 pF
tPZL
tPZH
Output Enable Time
2.0
4.0
5.0
10
2.0
4.0
5.0
10
2.0
4.0
5.0
10
ns
ns
CL = 50 pF
CL = 200 pF
tR
tF
Output Rise/Fall Time
1.0 V – 2.0 V
0.2
0.2
1.2
3.0
0.2
0.2
1.2
3.0
0.2
0.2
1.2
3.0
ns
ns
CL = 50 pF
CL = 200 pF


Número de pieza similar - MC100H603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100H603 ONSEMI-MC100H603 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC100H603FN ONSEMI-MC100H603FN Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC100H603FNG ONSEMI-MC100H603FNG Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC100H603FNR2 ONSEMI-MC100H603FNR2 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC100H603FNR2G ONSEMI-MC100H603FNR2G Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
More results

Descripción similar - MC100H603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
logo
Fairchild Semiconductor
100393 FAIRCHILD-100393 Datasheet
60Kb / 6P
   Low Power 9-Bit ECL-to-TTL Translator with Latches
100395 FAIRCHILD-100395 Datasheet
54Kb / 5P
   Low Power 9-Bit ECL-to-TTL Translator with Registers
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com